Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF365A-LCDATXX Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MF365A-LCDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-LCDATXX Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MF365A-LCDATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-LCDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
4/11
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply voltage
-0.3~6.0
V
Vi
Input voltage
With respect to GND
-0.3~VCC +0.3
V
Vo
Output voltage
0~VCC
V
T opr1
Operating temperature 1
Read, Write, Operation
LC series 0~70
°C
LS series -20~70
°C
T opr2
Operating temperature 2
Data retention
LC series 0~70
°C
LS series -20~70
°C
T stg
Storage temperature
-30~80
°C
RECOMMENDED OPERATING CONDITIONS (LC series Ta=
0~55°C, unless otherwise noted)
(LS series Ta=-20~70°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
VCC
VCC Supply voltage
4.50
5.0
5.25
V
GND
System ground
0
V
VIH
High input voltage
3.5
VCC
V
VIL
Low input voltage
0
0.8
V
Symbol
Parameter
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF365A-J8CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
IS61NW643264K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn