Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5129TDI-50-T3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5129TDI-50-T3
Description  32-Tap Digitally Programmable Potentiometer (DPP TM)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5129TDI-50-T3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5129TDI-50-T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5129TDI-50-T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT5127, CAT5129
© 2006 Catalyst Semiconductor, Inc.
5
Doc. No. 2127 Rev. A
Characteristics subject to change without notice
DC ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
5.5
V
ICC1
Supply Current (Increment)
VCC = 5.5V, f = 1MHz, IW = 0
0.4
10
µA
Programming, VCC = 5.5V
300
1000
µA
ICC2
Supply Current (Write)
VCC = 3V
150
500
µA
ISB1
(1)
Supply Current (Standby)
CS
¯¯ = VCC
U/D
¯, INC
¯¯¯ = VCC or GND
0.35
1
µA
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0V
-10
µA
VIH1
TTL High Level Input Voltage
2
VCC
V
VIL1
TTL Low Level Input Voltage
4.5V ≤ VCC ≤ 5.5V
0
0.8
V
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5V ≤ VCC ≤ 6V
-0.3
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
kΩ
RTOL
Pot Resistance Tolerance
± 20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
RES
Resolution
3.2
%
INL
Integral Linearity Error
IW ≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW ≤ 2µA
0.25
0.5
LSB
VCC = 5V, IW = 1mA
70
400
RWi
Wiper Resistance
VCC = 2.5V, IW = 1mA
150
1000
IW
(2)
Wiper Current
1
mA
TCRPOT
(3)
TC of Pot Resistance
±30
±300
ppm/ºC
TCRATIO
(3)
Ratiometric TC
±3
20
ppm/ºC
VN
(3)
Noise
100kHz / 1kHz
8/24
nV/√Hz
CH/CL/CW
(3)
Potentiometer Capacitances
8/8/25
pF
Fc
(3)
Frequency Response
Passive Attenuator, 10kΩ
1.7
MHz
Notes:
(1) Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V
(2) IW = source or sink
(3) These parameters are periodically sampled and are not 100% tested.


Similar Part No. - CAT5129TDI-50-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5129TDI-50-T3 CATALYST-CAT5129TDI-50-T3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5129TDI-50-T3 CATALYST-CAT5129TDI-50-T3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5129TDI-50-T3 ONSEMI-CAT5129TDI-50-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5129TDI-50-T3 ONSEMI-CAT5129TDI-50-T3 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results

Similar Description - CAT5129TDI-50-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com