Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC10-600CT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYC10-600CT
Description  Rectifier diode ultrafast, low switching loss
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10-600CT Datasheet(HTML) 4 Page - NXP Semiconductors

  BYC10-600CT Datasheet HTML 1Page - NXP Semiconductors BYC10-600CT Datasheet HTML 2Page - NXP Semiconductors BYC10-600CT Datasheet HTML 3Page - NXP Semiconductors BYC10-600CT Datasheet HTML 4Page - NXP Semiconductors BYC10-600CT Datasheet HTML 5Page - NXP Semiconductors BYC10-600CT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diode
BYC10-600CT
ultrafast, low switching loss
Fig.9. Definition of reverse recovery parameters t
rr, Irrm
Fig.10. Typical forward recovery voltage per diode, V
fr
as a function of rate of change of current dI
F/dt.
Fig.11. Definition of forward recovery voltage V
fr
Fig.12. Typical and maximum forward characteristic
per diode, I
F = f(VF); Tj = 25˚C and 150˚C.
Fig.13. Typical reverse leakage current per diode as
a function of reverse voltage. I
R = f(VR); parameter Tj
Fig.14. Maximum thermal impedance per diode,
Z
th j-mb as a function of pulse width.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
012
34
0
2
4
6
8
10
BYC5-600
Forward voltage, VF (V)
Forward current, IF (A)
max
typ
Tj = 25 C
Tj = 150 C
0
50
100
150
200
0
5
10
15
20
BYC5-600
Tj = 25 C
Rate of change of current, dIF/dt (A/ s)
Peak forward recovery voltage, Vfr (V)
typ
IF = 10 A
0
100
200
300
400
500
600
1uA
10uA
100uA
1mA
10mA
100mA
BYC5-600
Reverse voltage (V)
Reverse leakage current (A)
Tj = 125 C
100 C
75 C
50 C
25 C
time
time
V F
V
fr
V F
I
F
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV29
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
October 1999
4
Rev 1.000


Similar Part No. - BYC10-600CT

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC10-600CT WEEN-BYC10-600CT Datasheet
332Kb / 8P
   Dual rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC10-600CT PHILIPS-BYC10-600CT_15 Datasheet
122Kb / 8P
   Dual rectifier diode ultrafast, low switching loss
March 2001
More results

Similar Description - BYC10-600CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC10B-600 WEEN-BYC10B-600 Datasheet
936Kb / 8P
   Rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC10-600 PHILIPS-BYC10-600 Datasheet
58Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com