Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54AC16240 Datasheet(PDF) 5 Page - Texas Instruments

Part No. 54AC16240
Description  16-BIT BUS DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

54AC16240 Datasheet(HTML) 5 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
54AC16240, 74AC16240
16-BIT BUS DRIVERS
WITH 3-STATE OUTPUTS
SCAS234B – JULY 1990 – REVISED OCTOBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16240
74AC16240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.8
5.4
7.5
1.8
8.3
1.8
8.3
ns
tPHL
A
Y
2.5
7
9.3
2.5
10.2
2.5
10.2
ns
tPZH
OE
Y
2.1
6.1
8.5
2.1
9.5
2.1
9.5
ns
tPZL
OE
Y
2.9
8.4
11.3
2.9
12.6
2.9
12.6
ns
tPHZ
OE
Y
4.3
6.2
8.3
4.3
8.7
4.3
8.7
ns
tPLZ
OE
Y
3.6
6
7.8
3.6
8.4
3.6
8.4
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16240
74AC16240
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.3
3.3
5.3
1.3
5.8
1.3
5.8
ns
tPHL
A
Y
1.9
4.3
6.5
1.9
7.1
1.9
7.1
ns
tPZH
OE
Y
1.6
3.8
5.9
1.6
6.6
1.6
6.6
ns
tPZL
OE
Y
3.2
4.7
7.2
3.2
8.1
3.2
8.1
ns
tPHZ
OE
Y
4.2
6
7.7
4.2
8.1
4.2
8.1
ns
tPLZ
OE
Y
3.4
5.1
6.9
3.4
7.3
3.4
7.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per latch
Outputs enabled
CL =50 pF
f=1MHz
42
pF
Cpd
Power dissipation capacitance per latch
Outputs disabled
CL = 50 pF,
f = 1 MHz
6
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn