Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. PD15-22C
Description  Silicon PIN Photodiode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

PD15-22C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 6 of 9
Device No:DPD-152-013
Prepared date:07-20-2005
Prepared by:David Huang
PD15-22C
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S186PSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
CLD240Silicon PIN Photodiodes 1 2 List of Unclassifed Manufacturers
HVU145Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 MoreHitachi Semiconductor
IR3C07Pin Assignment 1 2 3 4 List of Unclassifed Manufacturers
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
2SD1676Silicon NPN with Internal Resistance 1 2 3 4 5 Hitachi Semiconductor
TA8496FLBipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
2SK3516-01LN-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn