Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. PD15-22C
Description  Silicon PIN Photodiode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

PD15-22C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 4 of 9
Device No:DPD-152-013
Prepared date:07-20-2005
Prepared by:David Huang
0
-25
50
100
150
25
0
50
200
75 85 100
1
20
10
100
40
60
VR=10V
80
100
1000
1.0
0.5
0
5
10
20
15
2
1.5
3.0
VR=5V
100
0.2
0
0.4
700
500
300
Ta=25
0.8
0.6
1.0
C
1300
1100
900
PD15-22C
Typical Electro-Optical Characteristics Curves
Fig.1 Power Dissipation vs. Ambient Temperature
Fig.2 Spectral Sensitivity
Fig.3 Dark Current vs. Ambient Temperature
Fig.4 Reverse Light Current vs. Ee


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S186PSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
CLD240Silicon PIN Photodiodes 1 2 List of Unclassifed Manufacturers
HVU145Silicon Epitaxial Planar Pin Diode for High Frequency Switching 1 2 3 4 5 MoreHitachi Semiconductor
IR3C07Pin Assignment 1 2 3 4 List of Unclassifed Manufacturers
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
EMG2DXV5T1Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
2SD1676Silicon NPN with Internal Resistance 1 2 3 4 5 Hitachi Semiconductor
TA8496FLBipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
2SK3516-01LN-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn