Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3621MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3621MPBF
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621MPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3621MPBF Datasheet HTML 1Page - International Rectifier IR3621MPBF Datasheet HTML 2Page - International Rectifier IR3621MPBF Datasheet HTML 3Page - International Rectifier IR3621MPBF Datasheet HTML 4Page - International Rectifier IR3621MPBF Datasheet HTML 5Page - International Rectifier IR3621MPBF Datasheet HTML 6Page - International Rectifier IR3621MPBF Datasheet HTML 7Page - International Rectifier IR3621MPBF Datasheet HTML 8Page - International Rectifier IR3621MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
IR3621&(PbF)
5
www.irf.com
PIN DESCRIPTIONS
1
2
3
4
5,23
6,22
7,21
8
20
9,19
10,18
11,17
12,16
13,15
14
24
25
26
27
28
Power Good pin. Low when any of the outputs fall 10% below the set voltages.
Supply voltage for the internal blocks of the IC. The Vcc slew rate should be
<0.1V/us.
Output of the internal LDO. Connect a 1.0uF capacitor from this pin to ground.
Connecting a resistor from this pin to ground sets the oscillator frequency.
Sense pins for OVP and PGood. For current share tie these pins together.
Inverting inputs to the error amplifiers. In current sharing mode, Fb1 is con-
nected to a resistor divider to set the output voltage and Fb2 is connected to
programming resistor to achieve current sharing. In independent 2-channel mode,
these pins work as feedback inputs for each channel.
Compensation pins for the error amplifiers.
These pins provide user programmable soft-start function for each outputs.
Connect external capacitors from these pins to ground to set the start up time
for each output. These outputs can be shutdown independently by pulling the
respective pins below 0.3V. During shutdown both MOSFETs will be turned off.
For current share mode SS2 must be floating.
A resistor from these pins to switching point will set current limit threshold.
Supply voltage for the high side output drivers. These are connected to voltages
that must be typically 6V higher than their bus voltages. A 0.1
µF high fre-
quency capacitor must be connected from these pins to PGND to provide peak
drive current capability.
Output drivers for the high side power MOSFETs. Note3
These pins serve as the separate grounds for MOSFET drivers and should be
connected to the system’s ground plane.
Output drivers for the synchronous power MOSFETs.
Supply voltage for the low side output drivers.
The internal oscillator can be synchronized to an external clock via this pin.
When pulled High, it puts the device current limit into a hiccup mode. When
pulled Low, the output latches off, after an overcurrent event.
Non-inverting input to the second error amplifier. In the current sharing mode, it
is connected to the programming resistor to achieve current sharing. In inde-
pendent 2-channel mode it is connected to VREF pin when Fb2 is connected to
the resistor divider to set the output voltage.
Reference Voltage. The drive capability of this pin is about 2
µA.
Analog ground for internal reference and control circuitry.
TSSOP
MLPQ
PIN SYMBOL
PIN DESCRIPTION
29
30
31
1
2,22
3,21
4,20
5
19
6,18
7,17
8,16
10,14
11,13
12
23
24
26
27
28
9,15,25.32
PGood
Vcc
VOUT3
Rt
VSEN2, VSEN1
Fb2,Fb1
Comp2, Comp1
SS2 / SD
SS1 / SD
OCSet2,OCSet1
VcH2, VcH1
HDrv2, HDrv1
PGnd2, PGnd1
LDrv2, LDrv1
VCL
Sync
Hiccup
VP2
VREF
Gnd
N/C
Note3: The negative voltage at these pins may cause instability for the gate drive circuits. To prevent this, a low
forward voltage drop diode (Schottky) is required between these pins and power ground.
No Connect


Similar Part No. - IR3621MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622AMTRPBF IRF-IR3622AMTRPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results

Similar Description - IR3621MPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com