Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3621MPBF Datasheet(PDF) 19 Page - International Rectifier

Part # IR3621MPBF
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621MPBF Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3621MPBF Datasheet HTML 15Page - International Rectifier IR3621MPBF Datasheet HTML 16Page - International Rectifier IR3621MPBF Datasheet HTML 17Page - International Rectifier IR3621MPBF Datasheet HTML 18Page - International Rectifier IR3621MPBF Datasheet HTML 19Page - International Rectifier IR3621MPBF Datasheet HTML 20Page - International Rectifier IR3621MPBF Datasheet HTML 21Page - International Rectifier IR3621MPBF Datasheet HTML 22Page - International Rectifier IR3621MPBF Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
IR3621&(PbF)
19
www.irf.com
TYPICAL APPLICATION
Figure 20 - 2-phase operation with inductor current sensing using type 2 compensation.
12V to 1.8V @ 30A output
12V
PGood
Q5
L4
Q4
C5
U1
1.8V @ 30A
R8
C16
L3
C17
R9
R7
C10
R4
C9
R3
C8
C3
C4
C13
C11
PGnd1
VCL
VOUT3
LDrv1
HDrv1
Fb1
VP2
Fb2
LDrv2
HDrv2
VcH1
VcH2
Vcc
Gnd
Comp2
Comp1
SS1 / SD
PGood
VREF
IR3621
Q3
Q2
C14
Sync
Rt
Hiccup
SS2 / SD
PGnd2
OCSet2
OCSet1
VSEN1
VSEN2
R2
R1
R6
D1
C12
C18
R5
C15
R8
R7
VSEN1


Similar Part No. - IR3621MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622AMPBF IRF-IR3622AMPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622AMTRPBF IRF-IR3622AMTRPBF Datasheet
675Kb / 33P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results

Similar Description - IR3621MPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com