Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX415AL Datasheet(PDF) 27 Page - Sony Corporation

Part # ICX415AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX415AL Datasheet(HTML) 27 Page - Sony Corporation

Back Button ICX415AL Datasheet HTML 22Page - Sony Corporation ICX415AL Datasheet HTML 23Page - Sony Corporation ICX415AL Datasheet HTML 24Page - Sony Corporation ICX415AL Datasheet HTML 25Page - Sony Corporation ICX415AL Datasheet HTML 26Page - Sony Corporation ICX415AL Datasheet HTML 27Page - Sony Corporation ICX415AL Datasheet HTML 28Page - Sony Corporation ICX415AL Datasheet HTML 29Page - Sony Corporation ICX415AL Datasheet HTML 30Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
– 27 –
ICX415AL


Similar Part No. - ICX415AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX415AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AL SONY-ICX424AL Datasheet
299Kb / 29P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com