Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4511PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4511PWR
Description  BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4511PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4511PWR Datasheet HTML 6Page - Texas Instruments CD74HC4511PWR Datasheet HTML 7Page - Texas Instruments CD74HC4511PWR Datasheet HTML 8Page - Texas Instruments CD74HC4511PWR Datasheet HTML 9Page - Texas Instruments CD74HC4511PWR Datasheet HTML 10Page - Texas Instruments CD74HC4511PWR Datasheet HTML 11Page - Texas Instruments CD74HC4511PWR Datasheet HTML 12Page - Texas Instruments CD74HC4511PWR Datasheet HTML 13Page - Texas Instruments CD74HC4511PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION − CD74HCT4511
Test
Point
From Output
Under Test
CL
(see Note A)
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
Open
Closed
S1
Closed
Open
S2
Open
Closed
Closed
Open
Open
Open
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time with one input transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
RL = 1 kΩ
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
th
tsu
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50% VCC
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
50% VCC
50% VCC
VCC
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
10%
50% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
50% VCC
50% VCC
90%
VCC
VOLTAGE WAVEFORMS
RECOVERY TIME
50% VCC
VCC
0 V
CLR
Input
CLK
50% VCC
VCC
trec
0 V
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - CD74HC4511PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4511PWR TI1-CD74HC4511PWR Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
CD74HC4511PWRE4 TI1-CD74HC4511PWRE4 Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
CD74HC4511PWRG4 TI1-CD74HC4511PWRG4 Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
More results

Similar Description - CD74HC4511PWR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4511B IKSEMICON-IW4511B Datasheet
198Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Texas Instruments
CD4511B TI-CD4511B Datasheet
253Kb / 6P
[Old version datasheet]   CMOS BCD-TO-7-SEGMENT LATCH DECODER DRIVERS
logo
KODENSHI_AUK CORP.
KK4511B KODENSHI-KK4511B Datasheet
324Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
logo
Texas Instruments
CD4511B TI1-CD4511B_17 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7-Segment Latch Decoder Drivers
CD4511BF TI-CD4511BF Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7 Segment Latch Decoder Drivers
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com