Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2160H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HAT2160H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2160H Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2160H
Rev.3.00 Sep 26, 2005 page 3 of 7
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain to Source Voltage
VDS
(V)
Maximum Safe Operation Area
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
100
80
60
40
20
0
2
468
10
100
80
60
40
20
0
12
3
4
5
Tc = 75
°C
25
°C
-25
°C
40
30
20
10
0
50
100
150
200
VDS = 10 V
Pulse Test
VGS = 2.4 V
10 V
4.5 V
2.6 V
2.8 V
3.0 V
3.2 V
Pulse Test
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Tc = 25
°C
1 shot Pulse
PW
= 10
ms
10
µs
100
µs
Operation in
this area is
limited by RDS(on)
DC
Operat
ion
1 ms
250
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 50 A
10 A
20 A
10
2
5
1
30
300
1
10
100
1000
3
VGS = 4.5 V
10 V
Pulse Test


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn