Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2160H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HAT2160H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2160H Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2160H
Rev.3.00 Sep 26, 2005 page 4 of 7
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nc)
Dynamic Input Characteristics
5
4
3
2
1
-25
0
25
50
75
100 125
150
0
ID = 10 A, 20 A
10 A, 20 A, 50 A
VGS = 4.5 V
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
1000
100
30
300
1
0.3
3
0.1
Tc = -25
°C
VDS = 10 V
Pulse Test
75
°C
25
°C
50 A
08
412
16
20
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
50
30
20
10
0
20
40
16
12
8
4
40
80
120
160
200
0
ID = 60 A
VGS
VDS
VDD = 5 V
10 V
20 V
VDD = 20 V
10 V
5 V
0.1
0.3
1
3
10
30
100
100
20
50
10
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
100
300
30
10
0.1 0.2
2
10
100
20
1
0.5
5
1000
50
3
VGS = 10 V, VDS = 10 V
Rg = 4.7
Ω, duty ≤ 1 %
tr
td(on)
td(off)
tf


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn