Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PADS5546IRGZT Datasheet(PDF) 7 Page - Texas Instruments

Part # PADS5546IRGZT
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PADS5546IRGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PADS5546IRGZT Datasheet HTML 3Page - Texas Instruments PADS5546IRGZT Datasheet HTML 4Page - Texas Instruments PADS5546IRGZT Datasheet HTML 5Page - Texas Instruments PADS5546IRGZT Datasheet HTML 6Page - Texas Instruments PADS5546IRGZT Datasheet HTML 7Page - Texas Instruments PADS5546IRGZT Datasheet HTML 8Page - Texas Instruments PADS5546IRGZT Datasheet HTML 9Page - Texas Instruments PADS5546IRGZT Datasheet HTML 10Page - Texas Instruments PADS5546IRGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
(1)
TIMING CHARACTERISTICS – LVDS AND CMOS MODES
(1)
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = DRVDD = 3.3 V, I
O = 3.5 mA, RL = 100 Ω
(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
µA
Low-level input current
–33
µA
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS MODE
High-level output voltage
3.3
V
Low-level output voltage
0
V
Output capacitance inside the device, from each output to
Output capacitance
2
pF
ground
DIGITAL OUTPUTS – LVDS MODE
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage, |VOD|
225
350
mV
VOS Output offset voltage, single-ended
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from either output to
Output capacitance
2
pF
ground
(1)
All LVDS and CMOS specifications are characterized, but not tested at production.
(2)
IO refers to the LVDS buffer current setting, RL is the differential load resistance between the LVDS output pair.
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, sampling frequency = 190 MSPS, sine wave input clock, 1.5 V
PP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA,
R
L = 100 Ω
(3), no internal termination, unless otherwise noted.
For timings at lower sampling frequencies, see the Output Timing section in the APPLICATION INFORMATION of this data
sheet.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
1.2
ns
tj
Aperture jitter
150
fs rms
Time to valid data after coming out of
100
STANDBY mode
Wake-up time
µs
Time to valid data after stopping and restarting
100
the input clock
clock
Latency
14
cycles
DDR LVDS MODE(4)
tsu
Data setup time(5)
Data valid (6) to zero-cross of CLKOUTP
1.2
1.7
ns
Zero-cross of CLKOUTP to data becoming
th
Data hold time(5)
0.4
0.9
ns
invalid(6)
Input clock rising edge zero-cross to output
tPDI
Clock propagation delay
4
4.7
5.4
ns
clock rising edge zero-cross
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the effective external single-ended load capacitance between each output pin and ground.
(3)
IO refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume
that the data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear
as reduced timing margin.
(6)
Data valid refers to logic high of +50 mV and logic low of –50 mV.
7
Submit Documentation Feedback


Similar Part No. - PADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PADS5263IRGCT TI1-PADS5263IRGCT Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
More results

Similar Description - PADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com