Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PADS5546IRGZT Datasheet(PDF) 4 Page - Texas Instruments

Part # PADS5546IRGZT
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PADS5546IRGZT Datasheet(HTML) 4 Page - Texas Instruments

  PADS5546IRGZT Datasheet HTML 1Page - Texas Instruments PADS5546IRGZT Datasheet HTML 2Page - Texas Instruments PADS5546IRGZT Datasheet HTML 3Page - Texas Instruments PADS5546IRGZT Datasheet HTML 4Page - Texas Instruments PADS5546IRGZT Datasheet HTML 5Page - Texas Instruments PADS5546IRGZT Datasheet HTML 6Page - Texas Instruments PADS5546IRGZT Datasheet HTML 7Page - Texas Instruments PADS5546IRGZT Datasheet HTML 8Page - Texas Instruments PADS5546IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 190 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0dB gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
14
bits
ANALOG INPUT
Differential input voltage range
2
VPP
Differential input capacitance
7
pF
Analog input bandwidth
–3 dB, source impedance 50
500
MHz
Analog input common mode current
310
µA
(per input pin)
REFERENCE VOLTAGES
V(REFB)
Internal reference bottom voltage
Internal reference mode
0.5
V
V(REFT)
Internal reference top voltage
Internal reference mode
2.5
V
VCM
Common mode output voltage
Internal reference mode
1.5
V
VCM output current capability
Internal reference mode
±4
mA
DC ACCURACY
No Missing Codes
Specified
DNL
Differential non-linearity
–0.9
0.5
2.5
LSB
INL
Integral non-linearity
–5
± 3
5
LSB
Offset error
5
mV
Offset temperature coefficient
0.002
ppm/
°C
Gain error
±1
%FS
Gain temperature coefficient
0.01
∆%/°C
PSRR
DC Power supply rejection ratio
0.6
mV/V
POWER SUPPLY
I(AVDD)
Analog supply current
291
mA
LVDS mode, IO = 3.5 mA,
51
mA
RL = 100 Ω, CL = 5 pF
I(DRVDD)
Digital supply current
CMOS mode, FIN = 2.5 MHz,
43
mA
CL = 5 pF
ICC
Total supply current
LVDS mode
342
mA
Total power dissipation
LVDS mode
1.13
1.29
W
In STANDBY mode with clock
Standby power
100
150
mW
running
Clock stop power
With input clock stopped
100
150
mW
4
Submit Documentation Feedback


Similar Part No. - PADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PADS5263IRGCT TI1-PADS5263IRGCT Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
More results

Similar Description - PADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com