Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5546IRGZR Datasheet(PDF) 37 Page - Texas Instruments

Part # ADS5546IRGZR
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546IRGZR Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5546IRGZR Datasheet HTML 33Page - Texas Instruments ADS5546IRGZR Datasheet HTML 34Page - Texas Instruments ADS5546IRGZR Datasheet HTML 35Page - Texas Instruments ADS5546IRGZR Datasheet HTML 36Page - Texas Instruments ADS5546IRGZR Datasheet HTML 37Page - Texas Instruments ADS5546IRGZR Datasheet HTML 38Page - Texas Instruments ADS5546IRGZR Datasheet HTML 39Page - Texas Instruments ADS5546IRGZR Datasheet HTML 40Page - Texas Instruments ADS5546IRGZR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
www.ti.com
Programmable Gain
Power Down
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Table 9. Clock Buffer Gain Programming
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<CLK GAIN> – Clock buffer gain programmability, Gain decreases monotonically from Gain 4 to Gain 0
0
1
1
0
1
0
1
1
0
0
1
1
0
0
1
0
Gain 4
0
1
1
0
1
0
1
1
0
0
1
0
1
0
1
0
Gain 3
0
1
1
0
1
0
1
1
0
0
1
0
0
1
1
0
Gain 2
0
1
1
0
1
0
1
1
0
0
1
0
0
0
0
0
Gain 1 Default gain
0
1
1
0
1
0
1
1
0
0
1
0
0
0
1
1
Gain 0 Minimum gain
ADS5546 has programmable gain from 0 dB to 6 dB in steps of 1 dB. The corresponding full-scale input range
varies from 2 VPP down to 1 VPP, with 0 dB being the default gain. At high IF, this is especially useful as the
SFDR improvement is significant with marginal degradation in SNR.
The gain can be programmed using the serial interface (bits D3-D0 in register 0x68).
Table 10. Programmable Gain
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<GAIN> Gain programming - Channel gain can be programmed from 0 to 6 dB for SFDR/SNR trade-off. For each gain setting, the
input full-scale range has to be proportionally scaled. For 6 dB gain, the full-scale range will be 1 VPP compared to 2 VPP at 0 dB
gain.
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0 dB Default after reset
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
1
1 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
0
1
0
2 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
0
1
1
3 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
0
0
4 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
0
1
5 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
1
0
6 dB
ADS5546 has three power-down modes – global STANDBY, output buffer disabled, and input clock stopped.
Global STANDBY
This mode can be initiated by controlling SDATA (pin 28) or by setting the register bit <STBY> through the serial
interface. In this mode, the A/D converter, reference block and the output buffers are powered down and the
total power dissipation reduces to about 100 mW. The output buffers are in high impedance state. The wake-up
time from the global power down to data becoming valid normal mode is maximum 100
µs.
Output Buffer Disable
The output buffers can be disabled using OE pin 7 in both the LVDS and CMOS modes, reducing the total
power by about 100 mW. With the buffers disabled, the outputs are in high impedance state. The wake-up time
from this mode to data becoming valid in normal mode is maximum 1
µs in LVDS mode and 50 ns in CMOS
mode.
Input Clock Stop
The converter enters this mode when the input clock frequency falls below 1 MSPS. The power dissipation is
about 100 mW and the wake-up time from this mode to data becoming valid in normal mode is maximum
100
µs.
37
Submit Documentation Feedback


Similar Part No. - ADS5546IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5546 TI-ADS5546 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results

Similar Description - ADS5546IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com