Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5546IRGZT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546IRGZT
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546IRGZT Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS5546IRGZT Datasheet HTML 42Page - Texas Instruments ADS5546IRGZT Datasheet HTML 43Page - Texas Instruments ADS5546IRGZT Datasheet HTML 44Page - Texas Instruments ADS5546IRGZT Datasheet HTML 45Page - Texas Instruments ADS5546IRGZT Datasheet HTML 46Page - Texas Instruments ADS5546IRGZT Datasheet HTML 47Page - Texas Instruments ADS5546IRGZT Datasheet HTML 48Page - Texas Instruments ADS5546IRGZT Datasheet HTML 49Page - Texas Instruments ADS5546IRGZT Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
www.ti.com
AC Power Supply Rejection Ratio (AC PSRR)
(ExpressedindBc)
DVSUP
DVOUT
10
PSRR=20Log
(7)
Common Mode Rejection Ratio (CMRR)
(ExpressedindBc)
DVCM
DVOUT
10
CMRR=20Log
(8)
Voltage Overload Recovery
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
DEFINITION OF SPECIFICATIONS (continued)
AC PSRR is the measure of rejection of variations in the supply voltage of the ADC. If
∆V
SUP is the change in
the supply voltage and
∆V
OUT is the resultant change in the ADC output code (referred to the input), then
CMRR is the measure of rejection of variations in the input common-mode voltage of the ADC. If
∆Vcm is the
change in the input common-mode voltage and
∆V
OUT is the resultant change in the ADC output code (referred
to the input), then
The number of clock cycles taken to recover to less than 1% error for a 6-dB overload on the analog inputs. A
6-dBFS sine wave at Nyquist frequency is used as the test stimulus.
46
Submit Documentation Feedback


Similar Part No. - ADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5546 TI-ADS5546 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results

Similar Description - ADS5546IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com