Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L55063 Datasheet(PDF) 1 Page - Epson Company

Part # S1L55063
Description  HIGH DENSITY GATE ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1L55063 Datasheet(HTML) 1 Page - Epson Company

  S1L55063 Datasheet HTML 1Page - Epson Company S1L55063 Datasheet HTML 2Page - Epson Company S1L55063 Datasheet HTML 3Page - Epson Company S1L55063 Datasheet HTML 4Page - Epson Company S1L55063 Datasheet HTML 5Page - Epson Company S1L55063 Datasheet HTML 6Page - Epson Company S1L55063 Datasheet HTML 7Page - Epson Company S1L55063 Datasheet HTML 8Page - Epson Company S1L55063 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DATA SHEET
EPSON ELECTRONICS AMERICA, INC.
i150 River Oaks Pkwy iSan Jose, CA 95134 iTel: (408) 922-0200 iFax: (408) 922-0238
ASIC
S1L50000
S1L50000 SERIES HIGH DENSITY GATE ARRAY
ΠDESCRIPTION
EPSON Electronics America, Inc.’s S1L50000 Series is a family of ultra high-speed VLSI CMOS
gate array utilizing a 0.35
µm “sea-of-gates” architecture. The S1L50000H products feature 5V
tolerant I/O buffers.
Ultra-high-speed, high density and low power consumption
Low voltage operation: 3.3V and 2.0V
Number of raw gates: 28,710 ~ 815,468 gates
ΠFEATURES
Process
0.35
µm 2/3/4 layer metalization CMOS process
Integration
A maximum of 815,468 gates (2 input NAND gate equivalent)
Operating Speed
Internal gates: 140 ps (3.3V Typ), 210 ps (2.0V Typ)
(2-input pair NAND, F/O = 2, Typical wire load)
Input buffer:
380 ps (5.0V Typ) Built-in level shifter is used.
400 ps (3.3V Typ), 1.30 ns (2.0V Typ)
(F/O = 2, Typical wire load)
Output buffer: 2.12 ns (5.0V Typ) Built-in level shifter is used.
2.02 ns (3.3 V Typ), 3.90 ns (2.0V Typ)
(CL = 15 pF)
I/F Levels
Input/Output TTL/CMOS/LVTTL compatible
Input Modes
TTL, CMOS, LVTTL, TTL Schmitt, CMOS Schmitt, LVTTL Schmitt, PCI
Built-in pull-up and pull-down resistors can be usable.
(2 types for each resistor value)
Output Modes
Normal, 3-state, bi-directional, PCI
Output Drive
IOL = 0.1, 1, 3, 8, 12, 24 mA selectable
(Built-in level shifter is used at 5.0V)
IOL = 0.1, 1, 2, 6, 12 mA selectable (at 3.3V)
IOL = 0.05, 0.3, 0.6, 2, 4 mA selectable (at 2.0V)
RAM
Asynchronous 1-port, asynchronous 2-port
Dual Power
Operation supported by using level-shifter circuit
Internal logic: Operation supported by low voltage
I/O Buffer:
Built-in interfaces of both high and low voltages possible
Operation possible at VDD = 2.0
± 0.2V


Similar Part No. - S1L55063

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L60000 EPSON-S1L60000 Datasheet
3Mb / 230P
   GATE ARRAY
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L55063

ManufacturerPart #DatasheetDescription
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
   High Density Gate Array
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Luminus, Inc
CHM-6-XH20 LUMINUS-CHM-6-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-9-XH20 LUMINUS-CHM-9-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-11-XH20 LUMINUS-CHM-11-XH20 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-14-XH20 LUMINUS-CHM-14-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
logo
Epson Company
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com