Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L54422 Datasheet(PDF) 6 Page - Epson Company

Part # S1L54422
Description  HIGH DENSITY GATE ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1L54422 Datasheet(HTML) 6 Page - Epson Company

Back Button S1L54422 Datasheet HTML 2Page - Epson Company S1L54422 Datasheet HTML 3Page - Epson Company S1L54422 Datasheet HTML 4Page - Epson Company S1L54422 Datasheet HTML 5Page - Epson Company S1L54422 Datasheet HTML 6Page - Epson Company S1L54422 Datasheet HTML 7Page - Epson Company S1L54422 Datasheet HTML 8Page - Epson Company S1L54422 Datasheet HTML 9Page - Epson Company S1L54422 Datasheet HTML 10Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
EPSON ELECTRONICS AMERICA, INC.
i 150 River Oaks Pkwy i San Jose, CA 95134 i Tel: (408) 922-0200 i Fax: (408) 922-0238
ASIC
S1L50000
DATA SHEET
Electrical Characteristics of the S1L50000 Series:
(VDD = 5.0V, VSS = 0V, Ta = -40 to 85
°C)
Item
Symbol
Conditions
Min
Typ
Max
Unit
Input Leakage Current
ILI
--
-1
--
1
µA
Off State Leakage Current
IOZ
--
-1
--
1
µA
High Level Output Voltage
VOH
IOH = -0.1mA (Type S), -1mA (Type M),
-3mA (Type 1), -8mA (Type 2), -12mA
(Type 3, Type 4)
VDD = Min
HVDD
-0.4
--
--
V
Low Level Output Voltage
VOL
IOL = 0.1mA (Type S), 1mA (Type M),
3mA (Type 1), 8mA (Type 2), 12mA
(Type 3), 24mA (Type 4)
VDD = Min
--
--
0.4
V
High Level Input Voltage
VIH1
CMOS Level, HVDD = Max
3.5
--
--
V
Low Level Input Voltage
VIL1
CMOS Level, HVDD = Min
--
--
1.0
V
High Level Input Voltage
VT1+
CMOS Schmitt
2.0
--
4.0
V
Low Level Input Voltage
VT1-
CMOS Schmitt
0.8
--
3.1
V
Hysteresis Voltage
VH1
CMOS Schmitt
0.3
--
--
V
High Level Input Voltage
VIH2
TTL Level, HVDD = Max
2.0
--
--
V
Low Level Input Voltage
VIL2
TTL Level, HVDD = Min
--
--
0.8
V
High Level Input Voltage
VT2+
TTL Schmitt
1.2
--
2.4
V
Low Level Input Voltage
VT2-
TTL Schmitt
0.6
--
1.8
V
Hysteresis Voltage
VH2
TTL Schmitt
0.1
--
--
V
High Level Input Voltage
VIH3
PCI Level, HVDD = Max
2.0
--
--
V
Low Level Input Voltage
VIL3
PCI Level, HVDD = Min
--
--
0.8
V
High Level Output Current
IOH3
PCI Response,
VOH = 1.4V, HVDD = Min
VOH = 3.1V, HVDD = Max
-44
--
--
--
--
-142
mA
mA
Low Level Output Current
IOL3
PCI Response
VOH = 2.20V, HVDD = Min
VOL = 0.71V, HVDD = Max
95
--
--
--
--
206
mA
mA
Type 1
30
60
(120)
144
Pull-up Resistance*
RPU
VI = 0V
Type 2
60
120
(240)
288
K
Type 1
30
60
(120)
144
Pull-down Resistance*
RPD
VI = VDD
Type 2
60
120
(240)
288
K
High Level Maintenance Current
IBHH
Bus Hold Response, VIN = 2.0V
(TTL)
HVDD = Min
--
--
-80
µA
Low Level Maintenance Current
IBHL
Bus Hold Response, VIN = 0.8V
(TTL)
HVDD = Min
--
--
33
µA
High Level Reversal Current
IBHHO
Bus Hold Response, VIN = 0.8V
(TTL)
HVDD = Max
-550
--
--
µA
Low Level Reversal Current
IBHLO
Bus Hold Response, VIN = 2.0V
(TTL)
HVDD = Max
330
--
--
µA
Input Terminal Capacitance
CI
f = 1Mhz, VDD = 0V
--
--
10
pF
Output Terminal Capacitance
CO
f = 1Mhz, VDD = 0V
--
--
10
pF
Input/Output Terminal
Capacitance
CIO
f = 1Mhz, VDD = 0V
--
--
10
pF
*
The values in parentheses are for the case of Ta = 0 to 70
°C.


Similar Part No. - S1L54422

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L60000 EPSON-S1L60000 Datasheet
3Mb / 230P
   GATE ARRAY
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L54422

ManufacturerPart #DatasheetDescription
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
   High Density Gate Array
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Luminus, Inc
CHM-6-XH20 LUMINUS-CHM-6-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-9-XH20 LUMINUS-CHM-9-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-11-XH20 LUMINUS-CHM-11-XH20 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-14-XH20 LUMINUS-CHM-14-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
logo
Epson Company
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com