Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1104AISTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1104AISTR
Description  Simple, Synchronous Voltage Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104AISTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC1104AISTR Datasheet HTML 1Page - Semtech Corporation SC1104AISTR Datasheet HTML 2Page - Semtech Corporation SC1104AISTR Datasheet HTML 3Page - Semtech Corporation SC1104AISTR Datasheet HTML 4Page - Semtech Corporation SC1104AISTR Datasheet HTML 5Page - Semtech Corporation SC1104AISTR Datasheet HTML 6Page - Semtech Corporation SC1104AISTR Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
©
2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
PRELIMINARY
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
D
N
G
o
t
5
1V
E
S
A
H
P
o
t
T
S
B
5
1V
D
N
G
o
t
E
S
A
H
P
5
1
o
t
1
-V
E
S
A
H
P
o
t
H
D
5
1V
D
N
G
o
t
L
D
5
1V
D
N
G
o
t
S
S
/
P
M
O
C
7V
D
N
G
o
t
E
S
N
E
S
7V
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
0
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
6
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
d
a
e
L
0
0
3C
°
Unless specified: A: V
CC = 12 ± 0.6V,
V
BST = 23 ± 1V, VOUT = 3.3V, TA = 25
oC.
B: V
CC = 5 ± 0.25V,
V
BST = 12 ± 0.6V, VOUT = 2.0V, TA = 25
oC
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
F
W
S
)
A
4
0
1
1
C
S
(
,
)
.
m
o
n
(
z
H
k
0
0
3
=2
.
46
.
2
1
V
V
C
C
F
W
S
)
B
4
0
1
1
C
S
(
,
)
.
m
o
n
(
z
H
k
0
0
6
=2
.
47
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
P
M
O
C
V
4
.
01
14
1A
m
r
e
i
f
i
l
p
m
A
r
o
r
r
E
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
A
/
Eg
m
0
1S
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
B
F
13
A
µ
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
t
n
e
r
r
u
C
e
c
r
u
o
S
I
K
I
S
V
E
S
N
E
S
V
;
V
1
.
1
P
M
O
C
V
5
.
1
=7
.
0
A
m
I
C
S
V
E
S
N
E
S
V
;
V
9
.
0
P
M
O
C
V
5
.
1
=1
.
1
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
SF
C
S
O
V
C
C
V
6
.
0
±
V
2
1
=0
7
20
0
30
3
3
z
H
k
V
C
C
V
5
2
.
0
±
V
5
=0
4
50
0
60
6
6
e
g
a
t
l
o
V
k
a
e
P
p
m
a
RV
K
-
P
V
5
7
.
4
C
C
V
V
6
.
2
10
.
2V


Similar Part No. - SC1104AISTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1104A SEMTECH-SC1104A Datasheet
285Kb / 14P
   Simple, Synchronous Voltage Mode PWM Controller
More results

Similar Description - SC1104AISTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
   Simple, Synchronous Voltage Mode PWM Controller
SC1104A SEMTECH-SC1104A Datasheet
285Kb / 14P
   Simple, Synchronous Voltage Mode PWM Controller
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
   Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
   Simple, Synchronous Voltage Mode PWM Controller
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com