Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2131UA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2131UA
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2131UA Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2131UA Datasheet HTML 5Page - Texas Instruments OPA2131UA Datasheet HTML 6Page - Texas Instruments OPA2131UA Datasheet HTML 7Page - Texas Instruments OPA2131UA Datasheet HTML 8Page - Texas Instruments OPA2131UA Datasheet HTML 9Page - Texas Instruments OPA2131UA Datasheet HTML 10Page - Texas Instruments OPA2131UA Datasheet HTML 11Page - Texas Instruments OPA2131UA Datasheet HTML 12Page - Texas Instruments OPA2131UA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA131, 2131, 4131
9
SBOS040A
www.ti.com
PACKAGE DRAWINGS (Cont.)
DW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
16 PINS SHOWN
4040000 / E 08/01
Seating Plane
0.400 (10,15)
0.419 (10,65)
0.104 (2,65) MAX
1
0.012 (0,30)
0.004 (0,10)
A
8
16
0.020 (0,51)
0.014 (0,35)
0.291 (7,39)
0.299 (7,59)
9
0.010 (0,25)
0.050 (1,27)
0.016 (0,40)
(15,24)
(15,49)
PINS **
0.010 (0,25) NOM
A MAX
DIM
A MIN
Gage Plane
20
0.500
(12,70)
(12,95)
0.510
(10,16)
(10,41)
0.400
0.410
16
0.600
24
0.610
(17,78)
28
0.700
(18,03)
0.710
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
° – 8°
(11,51)
(11,73)
0.453
0.462
18
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-013


Similar Part No. - OPA2131UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2131UA BURR-BROWN-OPA2131UA Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2131UA TI-OPA2131UA Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA2131UA TI1-OPA2131UA Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA2131UA/2K5 TI1-OPA2131UA/2K5 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA2131UA/2K5E4 TI1-OPA2131UA/2K5E4 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2131UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com