Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA1352 Datasheet(PDF) 6 Page - International Rectifier

Part # PVA1352
Description  Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA1352 Datasheet(HTML) 6 Page - International Rectifier

  PVA1352 Datasheet HTML 1Page - International Rectifier PVA1352 Datasheet HTML 2Page - International Rectifier PVA1352 Datasheet HTML 3Page - International Rectifier PVA1352 Datasheet HTML 4Page - International Rectifier PVA1352 Datasheet HTML 5Page - International Rectifier PVA1352 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series PVA13 — BOSFET® Photovoltaic Relay
Replaced by PVA13N
OBSOLETE
Case Outline
(Dimensions in millimeters (inches))
Mechanical Specifications:
Package: 8-pin DIP
Tolerances: .015 (.38) unless otherwise specified
Case Material: molded epoxy
Weight: .07 oz. (2 gr.)
12/6/2000


Similar Part No. - PVA1352

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA1352N IRF-PVA1352N Datasheet
87Kb / 6P
   POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA1352NPBF IRF-PVA1352NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA1352NS IRF-PVA1352NS Datasheet
87Kb / 6P
   POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA1352NSPBF IRF-PVA1352NSPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
More results

Similar Description - PVA1352

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
   Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
   Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
   Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
   Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com