Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2500 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 10 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
• Main Dividend MSB Register (at which point the new divide ratio takes effect).
In applications where the main synthesizer is in 10-bit mode, the Main Dividend MSB Register holds the 10
bits of the dividend. The order in which the registers controlling the main synthesizer’s divide ratio are to
be loaded is:
• Main Divider Register
• Main Dividend MSB Register (at which point the new divide ratio takes effect).
For the auxiliary synthesizer, the Auxiliary Dividend Register holds the 10 bits of the dividend. The order
in which the registers controlling the auxiliary synthesizer’s divide ratio is to be loaded is:
• Auxiliary Divider Register
• Auxiliary Dividend Register (at which point the new divide ratio takes effect).
Note: When in integer mode, the new divide ratios take effect as soon as the Main or Auxiliary Divider
Register is loaded.
Direct Digital Modulation
The PS2500’s high fractionality and small step size permit the user to tune to practically any frequency in
the VCO’s operating range. This frequency tuning permits direct digital modulation by programming the
different desired frequencies at precise instants. Typically, the channel frequency is selected through the
main divider and dividend register and the instantaneous frequency offset from the carrier is entered
through the modulation data register.
Write access to the modulation data register can be performed three ways:
Normal register write
A normal 16-bit serial interface write to the modulation data register at address Hex9 where /CS is 16
Clock cycles wide and modulation data is presented on the Data pin. The content of the modulation data
register is passed to the modulation unit at the next falling edge of the divided main VCO frequency
(Fpd_main).
Short /CS through Data pin (no address bits required)
A shortened serial interface write where /CS is from 2 to 12 Clock cycles wide and modulation data (2 to
12 bits) is presented on the Data pin. The Data is the default pin for entering modulation data directly in
modulation data register with shortened /CS strobes. This method of data entry eliminates the register
address overhead on the serial interface. All serial interface bits are re-synchronized internally at the
reference oscillator frequency. The content of the modulation data register is passed to the modulation unit
at the next falling edge of the divided main VCO frequency (Fpd_main).
Short /CS through Mod_in pin (no address bits required)


Similar Part No. - PS2500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
   Demonstration Kit Standard Components
logo
Sensortechnics GmbH
PS2500AA SENSORTECHNICS-PS2500AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2500AC SENSORTECHNICS-PS2500AC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2500GA SENSORTECHNICS-PS2500GA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2500GC SENSORTECHNICS-PS2500GC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS2500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
   Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
   Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com