Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM2070B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OM2070B
Description  Wideband amplifier module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM2070B Datasheet(HTML) 5 Page - NXP Semiconductors

  OM2070B Datasheet HTML 1Page - NXP Semiconductors OM2070B Datasheet HTML 2Page - NXP Semiconductors OM2070B Datasheet HTML 3Page - NXP Semiconductors OM2070B Datasheet HTML 4Page - NXP Semiconductors OM2070B Datasheet HTML 5Page - NXP Semiconductors OM2070B Datasheet HTML 6Page - NXP Semiconductors OM2070B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1995 Nov 29
5
Philips Semiconductors
Product specification
Wideband amplifier module
OM2070B
Fig.4 Transducer gain as a function of frequency.
Gain over entire frequency range.
Z0 =75 Ω.
handbook, halfpage
0
500
1000
MCD445
32
30
28
f (MHz)
S21
(dB)
Fig.5 Power gain.
(1) Maximum gain.
(2) Average gain.
(3) Minimum gain.
handbook, halfpage
0
500
1000
MCD444
32
30
28
f (MHz)
S 21
(dB)
2
(1)
(2)
(3)


Similar Part No. - OM2070B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM2070 PHILIPS-OM2070 Datasheet
56Kb / 8P
   Wideband amplifier module
1995 Nov 14
More results

Similar Description - OM2070B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM2045 PHILIPS-OM2045 Datasheet
314Kb / 6P
   Wideband amplifier module
1995 Nov 10
OM2070 PHILIPS-OM2070 Datasheet
56Kb / 8P
   Wideband amplifier module
1995 Nov 14
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C038 HITTITE-HMC-C038 Datasheet
301Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 2 - 35 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
logo
Hittite Microwave Corpo...
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com