Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1754-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1754-5
Description  Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1754-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1754-5 Datasheet HTML 4Page - Linear Technology LTC1754-5 Datasheet HTML 5Page - Linear Technology LTC1754-5 Datasheet HTML 6Page - Linear Technology LTC1754-5 Datasheet HTML 7Page - Linear Technology LTC1754-5 Datasheet HTML 8Page - Linear Technology LTC1754-5 Datasheet HTML 9Page - Linear Technology LTC1754-5 Datasheet HTML 10Page - Linear Technology LTC1754-5 Datasheet HTML 11Page - Linear Technology LTC1754-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1754-3.3/LTC1754-5
PACKAGE DESCRIPTION Dimensions in inches (millimeters), unless otherwise noted.
S6 Package
6-Lead Plastic SOT-23
(LTC DWG # 05-08-1634)
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
SIX PLACES (NOTE 2)
S6 SOT-23 0898
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.6 – 3.0
(0.110 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1754-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results

Similar Description - LTC1754-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
   Regulated 5V Charge Pump In SOT-23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com