Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L1619 Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. L1619
Description  OVAL BI-COLOR LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L1619 Datasheet(HTML) 1 Page - Kingbright Corporation

  L1619 Datasheet HTML 1Page - Kingbright Corporation L1619 Datasheet HTML 2Page - Kingbright Corporation L1619 Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAA0297
REV NO: V.1
DATE: MAR/15/2001
PAGE: 1 OF 3
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subjected to change without notice.
OVAL BI-COLOR LED LAMP
L1619URURC/CA
HYPER RED / HYPER RED
Package Dimensions
Features
ULTRA BRIGHT VERSION.
OVAL SHAPE. WIDER VIEWING ANGLE IN
HORIZONTAL DIRECTION.
3 LEADS, COMMON ANODE.
I.C. COMPATIBLE.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
Description
The Hyper Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
A
C
/
C
R
U
R
U
9
1
6
1
L
)
s
A
l
A
a
G
(
D
E
R
R
E
P
Y
H
R
A
E
L
C
R
E
T
A
W
0
8
40
0
3
1
0
6 °
)
H
(
0
3 °
)
V
(
)
s
A
l
A
a
G
(
D
E
R
R
E
P
Y
H
0
8
40
0
3
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
L161 OVAL TWO CHIPS IN SERIES LED LAMPS 1  2  3  4  Kingbright Corporation
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
RTC-51 HOUSING FOR LED LAMP 1  Kingbright Corporation
NCP5604A High Efficiency White LED Driver 1  2  3  4  5  More ON Semiconductor
D11EN6FPG D11 Expert Series Visible Green Blue or White LED Light Source 1  2  3  4  5  More List of Unclassifed Manufacturers
SEL1010M 5phi Round Standard LED 1  Sanken electric
SEL4014 4phi Round Wide-directivity LED Direct Mount 1  Sanken electric
SID300 5phi Round Infrared LED 1  Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn