Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU351 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HVU351
Description  Variable Capacitance Diode for VCO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU351 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVU351 Datasheet HTML 1Page - Hitachi Semiconductor HVU351 Datasheet HTML 2Page - Hitachi Semiconductor HVU351 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Low series resistance. (rs=0.35Ω max)
•Ultra small Resin Package (URP) is suitable for
surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVU351
6
URP
Outline
Cathode mark
Mark
12
1. Cathode
2. Anode
ADE-208-037D(Z)
Rev. 4
May. 1995
HVU351
Variable Capacitance Diode
for VCO
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 10 V
Reverse current
nA
IR2
100
VR = 10 V , Ta= 60 °C
C2
14.0
16.0
VR = 2 V , f = 1 MHz
Capacitance
pF
C10
5.0
6.5
VR = 10 V , f = 1 MHz
Capacitance ratio
n
2.00
C2 / C10
Series resistance
rs
0.35
VR = 1 V , f = 470 MHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn