Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM25GP120 Datasheet(PDF) 4 Page - eupec GmbH

Part # BSM25GP120
Description  Technical Information IGBT-Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM25GP120 Datasheet(HTML) 4 Page - eupec GmbH

  BSM25GP120 Datasheet HTML 1Page - eupec GmbH BSM25GP120 Datasheet HTML 2Page - eupec GmbH BSM25GP120 Datasheet HTML 3Page - eupec GmbH BSM25GP120 Datasheet HTML 4Page - eupec GmbH BSM25GP120 Datasheet HTML 5Page - eupec GmbH BSM25GP120 Datasheet HTML 6Page - eupec GmbH BSM25GP120 Datasheet HTML 7Page - eupec GmbH BSM25GP120 Datasheet HTML 8Page - eupec GmbH BSM25GP120 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM25GP120
Thermische Eigenschaften / Thermal properties
min.
typ.
max.
Innerer Wärmewiderstand
Gleichr. Diode/ Rectif. Diode
RthJC
-
-
1
K/W
thermal resistance, junction to case
Trans. Wechsr./ Trans. Inverter
-
-
0,55
K/W
Diode Wechsr./ Diode Inverter
-
-
1,2
K/W
Trans. Bremse/ Trans. Brake
-
-
1,2
K/W
Diode Bremse/ Diode Brake
-
-
2,3
K/W
Übergangs-Wärmewiderstand
Gleichr. Diode/ Rectif. Diode
λ
Paste=1W/m*K
RthCK
-
0,08
-
K/W
thermal resistance, case to heatsink
Trans. Wechsr./ Trans. Inverter
λ
grease=1W/m*K
-
0,04
-
K/W
Diode Wechsr./ Diode Inverter
-
0,08
-
K/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj
-
-
150
°C
Betriebstemperatur
operation temperature
Top
-40
-
125
°C
Lagertemperatur
storage temperature
Tstg
-40
-
125
°C
Mechanische Eigenschaften / Mechanical properties
Innere Isolation
internal insulation
Al2O3
CTI
comperative tracking index
225
Anzugsdrehmoment f. mech. Befestigung
M
3
Nm
mounting torque
±10%
Gewicht
weight
G
180
g
4(11)
DB-PIM-10.xls


Similar Part No. - BSM25GP120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM25GAL120DN2 SIEMENS-BSM25GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
BSM25GB120DN2 SIEMENS-BSM25GB120DN2 Datasheet
111Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
eupec GmbH
BSM25GB120DN2 EUPEC-BSM25GB120DN2 Datasheet
318Kb / 10P
   IGBT Power Module
logo
Siemens Semiconductor G...
BSM25GD100D SIEMENS-BSM25GD100D Datasheet
326Kb / 8P
   IGBT MODULE
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Similar Description - BSM25GP120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
logo
Omron Electronics LLC
G3VM-6 OMRON-G3VM-6 Datasheet
183Kb / 6P
   Technical Information
logo
List of Unclassifed Man...
FTL31 ETC2-FTL31 Datasheet
937Kb / 32P
   Technical Information
logo
Infineon Technologies A...
F450R12MS4 INFINEON-F450R12MS4 Datasheet
605Kb / 9P
   Technische Information / Technical Information
2013-10-03 revision:3.1
logo
eupec GmbH
FD300R12KE3 EUPEC-FD300R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com