Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC431 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC431
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC431 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AMC DOC. #: AMC431_C
November
2002
Copyright
 2002, ADD Microtech Corp.
1
www.addmtek.com
VREF
CATHODE
ANODE
DESCRIPTION
FEATURES
The AMC431 is a three-terminal adjustable shunt
voltage regulator with specified thermal stability and
pin-to-pin compatible with the earlier 431 series. The
output voltage can be adjusted to any value between
VREF and 36V by using two external resistors. The
AMC431 offers low output impedance for improved
load regulation with a typical output impedance of
200m
Ω. Because of the active output circuitry, the
AMC431can replace the zener diodes in applications
such as switching power supplies, OVP crowbar
circuits, references for A/D, D/A converters with
improved turn-on characteristics.
!
Initial voltage reference accuracy of
0.5%, 1.0%, and 1.5%
!
Sink current capability from 1mA to
100mA
!
Typical output dynamic impedance less
than 200m
Ω;
#
Adjustable output voltage from VREF to 36V
#
Available in 3L-TO92 and surface mount
SOT89, SOT23 and 8 pin S.O.I.C. packages
#
Low output noise
#
Typical equivalent full range temperature
coefficient of 30ppm/°C
#
Pin assignment identical to earlier TL431
series.
APPLICATIONS
PACKAGE PIN OUT
3-Pin Plastic TO-92
(Top View)
8-Pin Plastic S.O.I.C.
Surface Mount
(Top View)
!
Voltage Reference
!
Precision shunt regulator
!
High current shunt regulator
!
PWM down converter with
reference
!
Voltage monitor
ORDER INFORMATION
SOIC
TO-92
SOT-89
SOT-23
SOT-23
TA (°C)
Initial
Tolerance DM 8-pin
LP
3-pin
PK
3-pin
DB
3-pin
DB
3-pin
1.5%
--
AMC431CLP
--
--
--
1%
AMC431DM
AMC431LP
AMC431PK
AMC431DB
AMC431RDB
0 to 70
0.5%
--
AMC431BLP
AMC431BPK
AMC431BDB
AMC431BRDB
Note: 1. For AMC431DB and AMC431BDB.
2. For AMC431RDB and AMC431BRDB.
3. For surface-mount and TO-92 packages in Tape & Reel, add suffix “T” (e.g., AMC431LPT,
AMC431DBT).
4. For TO-92 in Tape & Box (without reel), add suffix “TB” (e.g., AMC431LPTB).
5. DB package is only available in Tape & Reel.
PRECISION ADJUSTABLE SHUNT
VOLTAGE REFERENCE
AMC431
A
A
A
ADD MICROTECH CORP.
CATHODE
ANODE
VREF
CATHODE
ANODE
VREF
ANODE
NC
ANODE
ANODE
NC
VREF
ANODE
CATHODE
CATHODE
VREF
ANODE
3-Pin Plastic SOT-89
Surface Mount
(Top View)
(Note 1)
3-Pin Plastic SOT-23
Surface Mount
(Top View)
(Note 2)
3-Pin Plastic SOT-23
Surface Mount
(Top View)


Similar Part No. - AMC431

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431BDB ADDTEK-AMC431BDB Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431BDBF ADDTEK-AMC431BDBF Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431BLP ADDTEK-AMC431BLP Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431BLPF ADDTEK-AMC431BLPF Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
More results

Similar Description - AMC431

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com