Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ABTE16246 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ABTE16246
Description  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74ABTE16246 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227J – JULY 1993 – REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ICC (VCCBIAS)
VCC = 0 to 4.5 V,
VCCBIAS = 4.5 V to 5.5 V,
IO(DC) = 0
250
700
µA
ICC (VCCBIAS)
VCC = 4.5 V to 5.5 V‡,
VCCBIAS = 4.5 V to 5.5 V,
IO(DC) = 0
20
µA
VO
A port
VCC = 0
VCCBIAS = 4.5 V to 5.5 V
1.1
1.5
1.9
V
VO
A port
VCC = 0
VCCBIAS = 4.75 V to 5.25 V
1.3
1.5
1.7
V
IO
A port
VCC = 0,
VCCBIAS = 4.5 V
VO = 0
–20
–100
µA
IO
A port
VCC = 0,
VCCBIAS = 4.5 V
VO = 3 V
20
100
µA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ VCC – 0.5 V < VCCBIAS
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
B
1.5
3.1
4.2
1.5
5.2
ns
tPHL
A
B
1.5
3.5
4.6
1.5
5.2
ns
tPLH
9B–11B
9A–11A
1.5
3
3.8
1.5
4.5
ns
tPHL
9B–11B
9A–11A
1.5
3.2
4
1.5
4.5
ns
tPLH§
1B–8B
1A–8A
1.5
3.2
4
1.5
4.5
ns
tPLH¶
1B–8B
1A–8A
7.5
8.9
9.7
7.5
10.3
ns
tPHL
1.5
3.2
4
1.5
4.5
tPZH
OE
9A–11A
2
4.3
5.3
2
6.2
ns
tPZL
OE
1A–11A
2
4.4
5.4
2
6.8
ns
tPZH
OE
B
2
4.3
6
2
7.1
ns
tPZL
OE
B
2
4.5
6.4
2
7.3
ns
tPHZ
OE
9A–11A
2
4.2
5.9
2
6.7
ns
tPLZ
OE
1A–11A
2
3.5
4.6
2
5.1
ns
tPHZ
OE
B
2.5
4.3
6.2
2.5
7
ns
tPLZ
OE
B
2
3.6
5
2
5.5
ns
§ Measurement point is VOL + 0.3 V.
¶ Measurement point is VOL + 1.5 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn