Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ABTE16246 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74ABTE16246
Description  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74ABTE16246 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227J – JULY 1993 – REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
V
B port
VCC = 5.5 V,
IOH = –100 µA
VCC–0.2
V
V
B port
VCC = 4.5 V
IOH = –1 mA
2.4
V
VOH
VCC = 4.5 V
IOH = –12 mA
2
V
VOH
9A–11A
VCC = 5.5 V,
IOH = –1 mA
4.5
V
9A–11A
VCC = 4.5 V
IOH = –32 mA
2.4
VCC = 4.5 V
IOH = –64 mA
2
IOH
1A–8A
VCC = 4.5 V,
VOH = 5.5 V
20
µA
V
B port
VCC = 4.5 V
IOL = 1 mA
0.4
V
VOL
B port
VCC = 4.5 V
IOL = 12 mA
0.8
V
VOL
A port
VCC = 4.5 V
IOL = 64 mA
0.55
V
A port
VCC = 4.5 V
IOL = 90 mA
0.9
Vhys
100
mV
I
B port
VCC = 4.5 V
VI = 0.8 V
100
A
II(hold) B port
VCC = 4.5 V
VI = 2 V
–100
µA
I(hold)
VCC = 5.5 V,
VI = 0 to 5.5 V
±500
II
Control inputs
VCC = 5.5 V
VI = VCC or GND
±1
µA
II
A or B ports
VCC = 5.5 V, OE = VCC
VI = VCC or GND
±20
µA
IOZH‡
9A–11A
VCC = 5.5 V,
VO = 2.7 V
10
µA
IOZL‡
9A–11A
VCC = 5.5 V,
VO = 0.5 V
–10
µA
IO
A port
VCC = 5.5 V,
VO = 2.5 V
–50
–180
mA
IO
B port
VCC = 5.5 V,
VO = 2.5 V
–25
–90
mA
Ioff
VCC = 0, VI or VO ≤ 4.5 V,
VCCBIAS = 0
±100
µA
I
A or B ports
VCC = 5.5 V, IO = 0,
Outputs high
28
36
mA
ICC
A or B ports
VCC = 5.5 V, IO = 0,
VI = VCC or GND
Outputs low
38
48
mA
CC
VI = VCC or GND
Outputs disabled
20
32
ICCD
A or B ports
VCC = 5 V, CL = 50 pF
OE high
0.02
mA/
ICCD
A or B ports
VCC = 5 V, CL = 50 pF
OE low
0.33
mA/
MHz
Ci
Control inputs
VI = 2.5 V or 0.5 V
2.5
4
pF
Cio
I/O ports
VO = 2.5 V or 0.5 V
4.5
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The parameters IOZH and IOZL include the input leakage current.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn