Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP5668 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP5668
Description  14-Line SCSI Bus Terminators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5668 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP5668 Datasheet HTML 1Page - Vishay Siliconix SIP5668 Datasheet HTML 2Page - Vishay Siliconix SIP5668 Datasheet HTML 3Page - Vishay Siliconix SIP5668 Datasheet HTML 4Page - Vishay Siliconix SIP5668 Datasheet HTML 5Page - Vishay Siliconix SIP5668 Datasheet HTML 6Page - Vishay Siliconix SIP5668 Datasheet HTML 7Page - Vishay Siliconix SIP5668 Datasheet HTML 8Page - Vishay Siliconix SIP5668 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SiP5668
Vishay Siliconix
New Product
Document Number: 73099
S-41843—Rev. A, 11-Oct-04
www.vishay.com
3
ABSOLUTE MAXIMUM RATINGS (ALL VOLTAGES REFERENCED TO GND = 0 V)
TERMPWR
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TXN, TXP
−0.3 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE, DISABLE, M/S, STATUS
−0.3 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125 _C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
150 _C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE (ALL VOLTAGES REFERENCED TO GND = 0 V)
TERMPWR
2.7 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (TA))
0 to 70 _C
. . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Mina
Typb
Maxa
Unit
SCSI Channels (T1 to T14), LVD Operation
Differential Impedance
ZDIFF
100
105
110
W
Common Mode Impedance
ZCM
MODE = 1 3 V
120
140
160
W
Differential Failsafe Bias
VDIFF
MODE = 1.3 V
100
112
125
mV
Common Mode Bias
VCM
1.15
1.25
1.35
V
SCSI Channels (T1 to T14), S/E Operation
Impedance
ZS/E
MODE = 0 V
100
108
116
W
Bias Voltage
VS/E
MODE = 0 V
2.5
2.7
3.0
V
Output Current
IS/E
MODE = 0 V
Channel Voltage = 0.2 V
−25.4
−23
−20.5
mA
Output Current
IS/E
MODE = 0 V
Channel Voltage = 0.5 V
−22.4
mA
GND Driver Impedance
ZGS
MODE = 0 V, ITEST = 10 mA
30
60
W
SCSI Channels (T1 to T14), Termination Disabled
Channel Leakagec
IL
Channel Voltage = 0 to 5 V
−500
0
500
nA
Channel Capacitancec, d
CT
Referenced to GND
3
pF
SCSI Regulator, LVD Mode
Output Voltage
VREG(LVD)
0.5 V v VCM v 2.0 Ve
1.15
1.25
1.35
V
Source Current
ISO(LVD)
VREG = 0 V
−1000
−600
−400
mA
Sink Current
ISI(LVD)
VREG = 4 V
200
400
700
mA
DIFFSENS Regulator
Output Voltage
VDIFFS
−5 mA v IDIFFS v 50 mA
1.2
1.3
1.4
V
Source Current
ISO(DIFFS)
VDIFFS = 0 V
−15
−8
−5
mA
Sink Current
ISI(DIFFS)
VDIFFS = 2.75 V
50
100
200
mA
SCSI Regulator, S/E Mode
Output Voltage
VREG(S/E)
0.2 V v VCM v 4.0 Vf
2.5
2.7
3.0
V
Source Current
ISO(S/E)
VREG = 0 V
−1000
−600
−400
mA
Sink Current
ISI(S/E)
VREG = 4 V
200
400
700
mA
DISABLE Input
Input Threshold
VTH(DIS)
0.8
1.0
1.2
V
Input Current
IIN(DIS)
0 V v VDISABLE v 1.2 V
−30
−10
−3
mA
Input Current
IIN(DIS)
VDISABLE u 1.2 V
−30
0
10
mA
MODE Input


Similar Part No. - SIP5668

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5630 VISHAY-SIP5630 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5630CG-T1-E3 VISHAY-SIP5630CG-T1-E3 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5678CS-TR-E3 VISHAY-SIP5678CS-TR-E3 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP56XX VISHAY-SIP56XX Datasheet
173Kb / 2P
   Auto selection of S/E or LVD SCSI termination
More results

Similar Description - SIP5668

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
   15-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
73007 VISHAY-73007 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
logo
Maxim Integrated Produc...
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
   Enhanced SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com