Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL432-CSF Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TL432-CSF
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432-CSF Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TL432-CSF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432-CSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/ A / C
The deviation parameters VREF(DEV) and IREF(DEF) are defined as the differences between the maximum and minimum
values obtained over the recommended temperature range. The average full-range temperature coefficient of the
reference voltage, αV REF, is defined as :
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum V REF or maximum VREF, respectively, occurs at the
lower temperature.
Example : Maximum VREF=1190㎷ at 30℃, maximum VREF=1262㎷ at 0℃, VREF=1241㎷ at 25℃, ΔTA=125℃
for TL431C
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
When the device is operating with two external resistors (see Figure 3), the total dynamic impedance of the circuit
is given by :
Jan, 2004 - Rev 01
HTC
25
125℃
7.2㎷
1241㎷
x10
6
|αVREF|=
~ 46PPM/℃
x10
6
VI(dev)
VREFat 25℃
|αVREF
ΔTA
ppm
=
ΔV
ΔI
(1+
R1
R2
|Z'|=
~|ZKA
ΔVKA
ΔIKA
|ZKA|=
ΔTA
VI(dev)
Maximum VREF
Minimum VREF
~
~


Similar Part No. - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432-CZ HTC-TL432-CZ Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432-CZSF HTC-TL432-CZSF Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Similar Description - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com