Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3651SPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IR3651SPBF
Description  HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3651SPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3651SPBF Datasheet HTML 8Page - International Rectifier IR3651SPBF Datasheet HTML 9Page - International Rectifier IR3651SPBF Datasheet HTML 10Page - International Rectifier IR3651SPBF Datasheet HTML 11Page - International Rectifier IR3651SPBF Datasheet HTML 12Page - International Rectifier IR3651SPBF Datasheet HTML 13Page - International Rectifier IR3651SPBF Datasheet HTML 14Page - International Rectifier IR3651SPBF Datasheet HTML 15Page - International Rectifier IR3651SPBF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IR3651SPbF
10/11/2006
Application Information
Output Voltage Programming
Output voltage is programmed by reference
voltage and external voltage divider. The Fb pin
is the inverting input of the error amplifier, which
is internally referenced to 1.25V. The divider is
ratioed to provide 1.25V at the Fb pin when the
output is at its desired value. The output voltage
is defined by using the following equation:
When an external resistor divider is connected to
the output as shown in figure 9.
Equation (4) can be rewritten as:
For the calculated values of R
8
and R
9 see
feedback compensation section.
)
4
--(
R
R
1
V
V
9
8
ref
o
⎟⎟
⎜⎜
+
=
Fig. 9: Typical application of the IR3651 for
programming the output voltage
)
5
--(
V
V
V
R
R
ref
O
ref
8
9
⎟⎟
⎜⎜
=
Soft-Start Programming
The soft-start timing can be programmed by
selecting the soft-start capacitance value. The
start-up time of the converter can be calculated
by using:
Where T
start is the desired start-up time (ms)
For a start-up time of 5ms, the soft-start
capacitor will be 0.1uF. Choose a ceramic
capacitor at 0.1uF.
)
1
--(
T
A
20
C
start
SS
*
µ
Fb
IR3651
VOUT
R9
R8
12


Similar Part No. - IR3651SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021MTRPbF IRF-IR36021MTRPbF Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3651SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com