Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3651SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3651SPBF
Description  HIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3651SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3651SPBF Datasheet HTML 5Page - International Rectifier IR3651SPBF Datasheet HTML 6Page - International Rectifier IR3651SPBF Datasheet HTML 7Page - International Rectifier IR3651SPBF Datasheet HTML 8Page - International Rectifier IR3651SPBF Datasheet HTML 9Page - International Rectifier IR3651SPBF Datasheet HTML 10Page - International Rectifier IR3651SPBF Datasheet HTML 11Page - International Rectifier IR3651SPBF Datasheet HTML 12Page - International Rectifier IR3651SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IR3651SPbF
10/11/2006
Circuit Description
9
THEORY OF OPERATION
Introduction
The
IR3651
is
a
voltage
mode
PWM
synchronous controller. The output voltage is set
by feedback pin (Fb) and the internal reference
voltage (1.25V). These are two inputs to error
amplifier. The error signal between these two
inputs is compared to a fixed frequency linear
sawtooth ramp and generates fixed frequency
pulses of variable duty-cycle (D) which drivers N-
channel external MOSFETs.
The timing of the IC is controlled by an internal
oscillator
circuit
that
can
be
externally
programmed up to 400kHz.
The IR3651 operates with a wide input voltage
from 36V to 75V allowing an extended operating
input voltage range.
The current limit is programmable and uses on-
resistance of the low-side MOSFET, eliminating
the need for an external current sense resistor
.
Under-Voltage Lockout
The under-voltage lockout circuit monitors the
Vcc supply and assures that the IC doesn’t starts
until the Vcc reaches the set threshold. Lockout
occurs if Vcc falls below 4.1V. Normal operation
resumes once Vcc rises above the set value.
Shutdown
The output can be shutdown by pulling the soft-
start pin below 0.3V. This can be easily done by
using an external small signal transistor. During
shutdown both MOSFET drivers will be turned
off. Normal operation will resume by cycling soft
start pin.
Error Amplifier
The IR3651 is a voltage mode controller. The
error amplifier is of transconductance type. The
amplifier is capable of operating with Type III
compensation control scheme using low ESR
output capacitance.
Operating Frequency Selection
The switching frequency is determined by
connecting an external resistor (Rt) to ground.
Figure 3 provides a graph of oscillator frequency
versus Rt.
Frequency Synchronization
The IR3651 is capable of accepting an external
digital synchronization signal. Synchronization
will be enabled by the rising edge at an external
clock. Switching frequency is set by external
resistor (Rt). During synchronization, Rt is
selected such that the free running frequency is
20%
below
the
synchronization
frequency.
When unused, the sync pin will remain floating
and is noise immune.
Pre-Bias Startup
IR3651 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET off until the
first
gate
signal
for
control
MOSFET
is
generated. Below figure shows a typical Pre-
Bias condition at start up.
Depends
on
system
configuration,
specific
amount of output capacitors may be required to
prevent discharging the output voltage
Fig. 3: Switching Frequency vs. Rt
Switching Frequency vs. Rt
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
Rt (Kohm)
Vo
Time
Volt
Pre-Bias Voltage
(Output Voltage before startup)


Similar Part No. - IR3651SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021MTRPbF IRF-IR36021MTRPbF Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3651SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com