Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM39100 Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # LM39100
Description  1A Low-Voltage Low-Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39100 Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

  LM39100 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM39100 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
HTC
9
Using Figure3, the minimum amount of required copper can be determined based on the required power
dissipation.Power dissipation in a linear regulator is calculated as fol-lows:
PD = (VIN – VOUT) IOUT + VIN·IGND
If we use a 2.5V output device and a 3.3V input at an output current of 1A, then our power dissipation is as follows:
PD = (3.3V – 2.5V) × 1A + 3.3V × 11mA
PD = 800mW + 36mW
PD = 836mW
From Figure3, the minimum amount of copper required too perate this application at a ∆T of 75°C is 160mm2.
Quick Method
Determine the power dissipation requirements for the design along with the maximum ambient temperature at which
the device will be operated. Refer to Figure4, which shows safe operating curves for three different ambient
temperatures:25°C, 50°C and 85°C. From these curves, the minimum amount of copper can be determined by
knowing the maxi-mum power dissipation required. If the maximum ambient temperature is 50°C and the power
dissipation is as above,836mW, the curve in Figure5 shows that the required area of copper is 160㎟.The
θJA of this
package is ideally 63°C/W, but it will vary depending upon the availability of copper ground plane to which it is
attached.


Similar Part No. - LM39100

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM39100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com