Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF365A-J8CATXX Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. MF365A-J8CATXX
Description  8/16-bit Data Bus Static RAM Card
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-J8CATXX Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF365A-J8CATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
2/16
Apr. 1999 Rev. 1.2
5. SUMMARY
MF3XXX-J8CATXX series is the Static RAM cards which has 8/16 bit changeable data-bus width.
The card has a replaceable lithium main battery to maintain data in memory and has an auxiliary battery to
maintain data in memory while the main battery is replaced. When the card is not use or the supply voltage
drops, the main battery will automatically maintain data in memory.
6. FUNCTIONAL DESCRIPTION
The function of the card is determined by the combination of the following five control signals,
REG#, CE1#, CE2#, OE#, WE#; active low signals.
(Please refer to section 10 FUNCTION TABLE on page 5)
((1))COMMON MEMORY FUNCTION
When REG# signal is high level, the common memory area is selected.
((a))READ MODE
To read, WE# is set high level and CE1# or CE2# is set low level and the memory address is applied at inputs
A0-A21
(4MB). Setting OE# low level executes the reading with output at data-bus. It is available to make the
following functions according to the combination of CE1# and CE2#.
When CE1# is set low level and CE2# is set high level, the card operates as an 8 bit data-bus width card.
The data can be dealt with lower data-bus
(D0-D7).
When both CE1# and CE2# are set low level, the card operates as a 16 bit data-bus width card.
At this mode LSB of address-bus
(A0) is ignored.
In addition odd byte can be accessed through upper data-bus
(D8-D15) when CE1# is set high level and CE2# is
set low level. This mode is useful when handling only odd bytes in the 16 bit data-bus interface system
(A0 is
ignored
).
When both CE1# and CE2# are set high level, the card becomes a standby mode where the card consumes
low power and the data-bus is placed in high impedance state
(above functions of CE1# and CE2# are the same
as in the following modes
).
When both OE# and WE# are set high level, the card becomes a output disable mode and the data-bus is
placed in high impedance state.
((b))WRITE MODE
To write, the memory address is first applied at inputs A0-A21
(4MB) and the data is applied at output pins.
Setting CE1# or CE2# low level, WE# low level and OE# high level executes the writing.
((2))ATTRIBUTE MEMORY FUNCTION
When REG# is set low level, the attribute memory area is selected. MF3XXX-J8CATXX series accommodates
an attribute memory of 8KB E
2PROM on even addresses.
((a))READ MODE
First set CE1# and CE2# low level or high level and select residing address
(even address). Data can be read by
setting OE# low level and WE# high level.
((b))WRITE MODE
Writing can be done either by byte-mode or page-mode. The page-mode write is the function to be able to write
data of 32 bytes in a single write cycle. The page address is set by A6 to A13
(Please note that attribute memory
exists in even bytes only
). To write, set OE# high level and WE# low level. Data will be latched at the rising
edge of WE#. After the first load unless WE# changes from high level to low level within 30
µs, the automatic
erase/program starts and completes in 10ms or before. Page data can be latched if WE# transits from high level
to low level before the 30
µs. Page-mode write also executes erase/program operation within 10ms.
The page address must be maintained during the page data loading.
((3))BATTERY
When the card is used for long periods of time, eventually battery exhaustion occurs. If such a situation is
encountered, replace any exhausted battery with a new one as directed in section 21.2
REPLACING BATTERY
(page 14).
The replacement battery model number is indicated under section 21
BATTERY SPECIFICATIONS″(page 14).
7. WRITE PROTECT MODE
When the write protect switch is switched on, this card goes into a write protect mode that can read but not
write data. In this mode, WP pin becomes “H” level.
At the shipment the write protect switch is switched off (Normal mode : The card can be written ; WP pin
indicates “L” level).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LCDATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
IS61NW643264K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn