Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF365A-J8CATXX Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MF365A-J8CATXX
Description  8/16-bit Data Bus Static RAM Card
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF365A-J8CATXX Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF365A-J8CATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF365A-J8CATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
5/16
Apr. 1999 Rev. 1.2
10. FUNCTION TABLE
Mode
REG#
CE1#
CE2#
OE#
WE#
A0
I/O (D15~D8)
I/O (D7~D0)
Icc
Standby
X
H
H
X
X
X
High-impedance
High-impedance
standby
Read A (16bit)
common
H
L
L
L
H
X
Odd Byte
Data out
Even Byte
Data out
Active
Write A (16bit)
common
H
L
L
H
L
X
Odd Byte
Data in
Even Byte
Data in
Active
Read B
(8bit)
common
H
L
H
L
H
L
High-impedance
Even Byte
Data out
Active
H
L
H
L
H
H
High-impedance
Odd Byte
Data out
Active
Write B
(8bit)
H
L
H
H
L
L
High-impedance
Even Byte Data in
Active
common
H
L
H
H
L
H
High-impedance
Odd Byte Data in
Active
Read C (8bit)
common
H
H
L
L
H
X
Odd Byte
Data out
High-impedance
Active
Write C (8bit)
common
H
H
L
H
L
X
Odd Byte
Data in
High-impedance
Active
Output disable
X
X
X
H
H
X
High-impedance
High-impedance
Active
Read A (16bit)
attribute
L
L
L
L
H
X
Data out
(unknown)
Even Byte
Data out
Active
Read B
(8bit)
attribute
L
L
H
L
H
L
High-impedance
Even Byte
Data out
Active
L
L
H
L
H
H
High-impedance
Data out
(unknown)
Active
Read C (8bit)
attribute
L
H
L
L
H
X
Data out
(unknown)
High-impedance
Active
Write A (16bit)
attribute
L
L
L
H
L
X
don’t care
Even Byte Data in
Active
Write B
(8bit)
L
L
H
H
L
L
don’t care
Even Byte Data in
Active
attribute
L
L
H
H
L
H
don’t care
don’t care
Active
Write C (8bit)
attribute
L
H
L
H
L
X
don’t care
don’t care
Active
Note 1 : H=VIH, L=VIL, X=VIH or VIL
11. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Ratings
Unit
Vcc
Supply voltage
-0.3~6.0
V
VI
Input voltage
With respect to GND
-0.3~VCC+0.3
V
VO
Output voltage
0~VCC
V
Topr1
Operating temperature 1
Read, Write Operation
0~60
°C
Topr2
Operating temperature 2
Data retention
0~60
°C
Tstg
Storage temperature
Excludes data retention
-20~70
°C
12. RECOMMENDED OPERATING CONDITIONS (Ta=0~55°C, unless otherwise noted)
Limits
Min.
Typ.
Max.
Vcc
Vcc Supply voltage
4.75
5.0
5.25
V
GND
System ground
0
V
VIH
High input voltage
2.4
VCC
V
VIL
Low input voltage
0
0.8
V
Symbol
Parameter
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF365A-J9CATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LCDATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LYCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF365A-LZCATXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-L6DAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF38M1-LCDAGXX8/16-bit Data Bus Static RAM Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF0064M-07BTXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MF007M5-03ATXX8/16-bit Data Bus Flash ATA PC Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
IS61NW643264K x 32 SYNCHRONOUS STATIC RAM WITH NO-WAIT STATE BUS FEATURE 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
MF82M1-GMCAVXX8/16-bit Data Bus Flash Memory Card 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn