Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM317L
Description  ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM317L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM317L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM317L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM317L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317L
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
Input-output Voltage Differential
Lead Temperature
Power Dissipation
Operating Temperature Range
Storage Temperature Range
ELECTRICAL CHARACTERISTICS
(VI-Vo=5V, Io=0.5A, 0℃≤TJ≤125℃, IMAX=1.5A, PMAX= 1.5 W, unless otherwise specified)
Characteristic
Min.
Typ.
Max.
Unit
Line Regulation
3V≤VI-Vo≤40V
0.01
0.04
%/V
3V≤VI-Vo≤40V
0.02
0.07
%/V
10
25
Load Regulation
0.1
0.5
%/Vo
20
70
0.3
1.5
%/Vo
Adjustable Pin Current
46
100
Adjustable Pin Current
Change
0.2
5
Reference Voltage
1.20
1.25
1.30
V
Temperature Stability
0.7
%/Vo
Minimum Load Current to
3.5
10
Maintain Regulation
Maximum Output Current
100
200
mA
0.156
0.4
RMS Noise, % of VOUT
0.003
0.01
%/Vo
Ripple Rejection
60
66
75
Long-Term Stability,
0.3
1
%
TJ=THIGH
* Load and line regulation are specified at constant junction temperature. Change in VD
due to heating effects must be taken into account separately. Pulse testing with low duty is used.
(Pmax = 1500 mW)
HTC
VI-Vo=40V
measurements, 1000HR
Vo=10V, f=120Hz
without CADJ
CADJ=10 ㎌
ST
RR
Vo≤5V
Vo≥5V
△IADJ
TA=25℃, for end point
PD≤PMAX
TA=25℃, 10Hz≤f≤10KHz
Io(MAX)
VI-Vo≤5V, PD≤PMAX
VI-Vo≤40V, PD≤PMAX, TA=25℃
VREF
10㎃≤Io≤IMAX
Vo≥5V
10㎃≤Io≤IMAX
P≤PMAX
3V≤VIN-VOUT≤40V
△Vo
3V≤VI-Vo≤40V
10㎃≤Io≤IMAX
IADJ
eN
STT
L(MIN)
Symbol
△Vo
TA=0 ∼ 125℃
TA=25℃, 10㎃≤Io≤IMAX
Vo≤5V
Value
VI-Vo
Test condition
Internally limited
-65 ∼ +125
V
40
230
Unit
55
TLEAD
PD
TOPR
-
TSTG
0 ∼ +125
Symbol
Characteristic


Similar Part No. - LM317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Wing Shing Computer Com...
LM317L WINGS-LM317L Datasheet
68Kb / 1P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATOR IC
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Similar Description - LM317L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com