Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2284UP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2284UP
Description  Dual 14-Bit, 105Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2284UP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2284UP Datasheet HTML 3Page - Linear Technology LTC2284UP Datasheet HTML 4Page - Linear Technology LTC2284UP Datasheet HTML 5Page - Linear Technology LTC2284UP Datasheet HTML 6Page - Linear Technology LTC2284UP Datasheet HTML 7Page - Linear Technology LTC2284UP Datasheet HTML 8Page - Linear Technology LTC2284UP Datasheet HTML 9Page - Linear Technology LTC2284UP Datasheet HTML 10Page - Linear Technology LTC2284UP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2284
7
2284fa
SAMPLE RATE (Msps)
0
0
2.5
7.5
10.0
12.5
17.5
2284 G31
5.0
15.0
40
120
100
20
60
80
SAMPLE RATE (Msps)
0
130
110
120
150
160
170
180
80
2284 G30
140
40
20
100
60
120
190
200
2V RANGE
1V RANGE
INPUT LEVEL (dBFS)
–70
70
–40
2284 G28
40
20
–60
–50
–30
10
0
80
dBFS
dBc
60
50
30
–20
–10
0
SENSE PIN (V)
0.4
64
65
67
68
69
74
71
0.6
0.8
0.9
2284 G33
66
72
73
70
0.5
0.7
1.0
1.1
INPUT LEVEL (dBFS)
–80
60
90
100
0
2284 G29
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
110
dBFS
dBc
80
70
30
10
SAMPLE RATE (Msps)
0
50
60
70
80
90
20
40
60
80
2284 G27
100
120
140
SFDR
SNR
INPUT FREQUENCY (MHz)
0
85
90
100
150
250
2284 G26
80
75
50
100
200
300
350
70
65
95
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
100
200
250
2284 G25
67
73
74
71
50
150
300
350
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
SFDR vs Input Level,
fIN = 70MHz, 2V Range, 105Msps
SNR vs SENSE, fIN = 5MHz, –1dB
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dB, 0VDD = 1.8V
IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
SFDR vs Input Frequency,
–1dB, 2V Range, 105Msps
SNR vs Input Frequency,
–1dB, 2V Range, 105Msps


Similar Part No. - LTC2284UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2284 LINER-LTC2284 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2284 LINER-LTC2284 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
More results

Similar Description - LTC2284UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282_15 Datasheet
469Kb / 24P
   Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2280 LINER-LTC2280_15 Datasheet
711Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2280 LINER-LTC2280 Datasheet
705Kb / 24P
   Dual 10-Bit, 105Msps Low Noise 3V ADC
LTC2254 LINER-LTC2254 Datasheet
625Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2254 LINER-LTC2254_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2255 LINER-LTC2255_15 Datasheet
630Kb / 24P
   14-Bit, 125/105Msps Low Power 3V ADCs
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com