Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1085 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LH1085
Description  1 Form C
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1085 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LH1085 Datasheet HTML 1Page - Siemens Semiconductor Group LH1085 Datasheet HTML 2Page - Siemens Semiconductor Group LH1085 Datasheet HTML 3Page - Siemens Semiconductor Group LH1085 Datasheet HTML 4Page - Siemens Semiconductor Group LH1085 Datasheet HTML 5Page - Siemens Semiconductor Group LH1085 Datasheet HTML 6Page - Siemens Semiconductor Group LH1085 Datasheet HTML 7Page - Siemens Semiconductor Group LH1085 Datasheet HTML 8Page - Siemens Semiconductor Group LH1085 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Absolute Maximum Ratings TA=25°C
Stresses in excess of the Absolute Maximum Ratings
can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in
excess of those given in the operational sections of this
document. Exposure to Absolute Maximum Ratings for
extended periods of time can adversely affect reliability.
* Breakdown occurs between the output pins external to the package.
Parameter
Symbol Test Conditions
LH1527
LH1537
Units
Ambient Operating Temperature Range
TA
–40 to +85
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +150
–40 to +150
°C
Pin Soldering Temperature
TS
t=10 s max
260
260
°C
Input/Output Isolation Voltage
VISO
3750
3750
Vrms
Pole-to-Pole Isolation Voltage*
(S1 to S2)
Dry air, dust free,
at sea level
1600
1600
V
LED Continuous Forward Current
IF
—50
50
mA
LED Reverse Voltage
VR
IR £ 10 mA8
8
V
dc or Peak ac Load Voltage
VL
IL £ 50 mA
350
250
V
Continuous dc Load Current
(Form C Operation)
IL
125
150
mA
Peak Load Current
IP
t=100 ms
(single shot)
350
500
mA
Output Power Dissipation (continuous)
6-Pin Package
8-Pin Package
PDISS
500
600
500
600
mW
mW
Recommended Operating Conditions
100
75
50
25
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
125
LH1527
IFON/OFF =
9 mA to 20 mA
IFON/OFF = 3 mA
IFON/OFF = 4.5 mA
IFON/OFF = 6 mA
IFON/OFF = 7.5 mA
120
90
60
30
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
150
IFON/OFF =
9 mA to 20 mA
LH1537
IFON/OFF = 3 mA
IFON/OFF = 4.5 mA
IFON/OFF = 6 mA
IFON/OFF = 7.5 mA
LH1527, LH1537
1 Form C
Siemens Microelectronics, Inc. • Optoelectronics Division
www.smi.siemens.com/opto/
1 of 25
October 1998


Similar Part No. - LH1085

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10A12 MORNSUN-LH10-10A12 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10A12 MORNSUN-LH10-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH1085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223_15 Datasheet
392Kb / 9P
   True 1 Form C Device
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
   1 Form A/1 Form C 10A Small power relays
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com