Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1502 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LH1502
Description  Dual 1 Form B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1502 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LH1502 Datasheet HTML 1Page - Siemens Semiconductor Group LH1502 Datasheet HTML 2Page - Siemens Semiconductor Group LH1502 Datasheet HTML 3Page - Siemens Semiconductor Group LH1502 Datasheet HTML 4Page - Siemens Semiconductor Group LH1502 Datasheet HTML 5Page - Siemens Semiconductor Group LH1502 Datasheet HTML 6Page - Siemens Semiconductor Group LH1502 Datasheet HTML 7Page - Siemens Semiconductor Group LH1502 Datasheet HTML 8Page - Siemens Semiconductor Group LH1502 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6G–43
A. LED Voltage vs. Temperature
C. LED Current for Switch Turn-Off vs. Temperature
E. Switch Capacitance vs. Applied Voltage
B. LED Dropout Voltage vs. Temperature
D. ON-Resistance vs. Temperature
F. Output Isolation
AMBIENT TEMPERATURE (
°C)
–40
–20
0
1.6
1.5
1.4
1.0
20
1.3
60
40
1.2
1.1
80
IF = 1 mA
IF = 2 mA
IF = 10 mA
IF = 20 mA
IF = 50 mA
IF = 5 mA
AMBIENT TEMPERATURE (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL = 100 mA
LH1501, LH1511, LH1536
LH1521, LH1523
0
20
40
APPLIED VOLTAGE (V)
80
50
70
60
40
20
0
10
60
30
100
80
A – LH1523
B – LH1521
IF = 5 mA
TA = 25
°C
f = 1 MHz
–40
0
20
AMBIENT TEMPERATURE (
°C)
1.20
1.15
1.10
0.95
1.00
40
1.05
80
60
–20
MIN.
IL = 100 mA
TYP.
–40
50
10
30
20
40
–20
–30
–10
–40
0
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
IL = 50 mA
LH1521,LH1523
FREQUENCY (Hz)
100
80
60
40
20
0
IF = 10 mA
VP = 10 V
RL = 50
102
103
104
105
106
107
LH1521, LH1523
6G41.53SSR hiVolt copy Page 43 Monday, June 2, 1997 11:25 AM


Similar Part No. - LH1502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1502 VISHAY-LH1502 Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
logo
List of Unclassifed Man...
LH1502 ETC-LH1502 Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1502A ETC-LH1502A Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
LH1502BAC VISHAY-LH1502BAC Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
More results

Similar Description - LH1502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com