Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1502 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LH1502
Description  Dual 1 Form B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1502 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button LH1502 Datasheet HTML 3Page - Siemens Semiconductor Group LH1502 Datasheet HTML 4Page - Siemens Semiconductor Group LH1502 Datasheet HTML 5Page - Siemens Semiconductor Group LH1502 Datasheet HTML 6Page - Siemens Semiconductor Group LH1502 Datasheet HTML 7Page - Siemens Semiconductor Group LH1502 Datasheet HTML 8Page - Siemens Semiconductor Group LH1502 Datasheet HTML 9Page - Siemens Semiconductor Group LH1502 Datasheet HTML 10Page - Siemens Semiconductor Group LH1502 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6G–47
Electrical Characteristics TA=25°C
Minimum and maximum values are testing require-
ments. Typical values are characteristics of the device
and are the result of engineering evaluations. Typical
values are for information purposes only and are not
part of the testing requirement.
Parameter
Symbol
Test Condition
Values
LH1502
LH1512
Units
I
N
P
U
T
LED Forward Current
for Switch Turn-on
(NO)
IFon
IL=100 mA
Min
mA
t=10 ms
Typ
0.6
0.6
mA
Max
2.0
2.0
mA
LED Forward Current
for Switch Turn-off
(NO)
IFoff
Min
0.2
0.2
mA
Typ
0.5
0.5
mA
Max
mA
VL
±
300
150
V
LED Forward Current
for Switch Turn-on
(NC)
IFon
IL=100 mA
Min
0.2
0.2
mA
t=10 ms
Typ
0.9
0.9
mA
Max
mA
LED Forward Current
for Switch Turn-off
(NC)
IFoff
Min
mA
Typ
1.0
1.0
mA
Max
2.0
2.0
mA
VL
±
300
150
V
LED Forward
Voltage
VF
IF=10 mA
Min
1.15
1.15
V
Typ
1.26
1.26
V
Max
1.45
1.45
V
O
U
T
P
U
T
ON-resistance:
(NO, NC)
RON
IF=5 mA (NO),
Min
12
6
0 mA (NC)
Typ
20
10
IL=50 mA (NC)
Max
25
15
OFF-resistance
(NO)
(NC)
ROFF
IF=0 mA
Min
0.5
0.5
G
VL=±100 V
Typ
5000
5000
G
Max
G
IF=5 mA
Min
0.1
0.1
G
VL=±100 V
Typ
1.4
1.4
G
Max
G
Current Limit
(NO)
ILMT
IF=5 mA
t=5 ms
Min
230
300
mA
Typ
270
360
mA
Max
370
460
mA
VL
±
6
5
V
Off-state
Leakage Current
(NO)
(NC)
(NO, NC)
IF=0 mA
Min
nA
VL=±100 V
Typ
0.02
0.02
nA
Max
200
200
nA
IF=5 mA
VL=±100 V
Min
µA
Typ
0.07
0.07
µA
Max
1.0
1.0
µA
IF=0 mA (NO)
IF=5 mA (NC)
Min
µA
Typ
µA
Max
1.0
1.0
µA
VL
±
350
200
V
Output Capacitance
(NO)
IF=0 mA
VL=1 V
Min
pF
Typ
55
60
pF
Max
pF
IF=0 mA
VL=50 V
Min
pF
Typ
10
15
pF
Max
pF
(NC)
IF=5 mA
VL=1 V
Min
pF
Typ
35
45
pF
Max
pF
IF=5 mA
VL=50 V
Min
pF
Typ
10
15
pF
Max
pF
Pole-to-pole Capacitance
(S1 to S2)
IF=0 mA
Min
pF
Typ
0.5
0.5
pF
Max
pF
Switch Offset
(NO)
IF=5 mA (NO)
Min
µV
IF=5 mA (NC)
Typ
0.15
0.15
µV
Max
µV
Switch Offset
(NC)
IF=0 mA (NC)
Min
µV
IF=5 mA (NO)
Typ
0.1
0.1
µV
Max
µV
LH1502, LH1512
6G41.53SSR hiVolt copy Page 47 Monday, June 2, 1997 11:25 AM


Similar Part No. - LH1502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1502 VISHAY-LH1502 Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
logo
List of Unclassifed Man...
LH1502 ETC-LH1502 Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1502A ETC-LH1502A Datasheet
164Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1502BA VISHAY-LH1502BA Datasheet
215Kb / 7P
   Dual 1 Form A/B, C Solid-State Relay
Rev. 1.7, 13-Oct-2020
LH1502BAC VISHAY-LH1502BAC Datasheet
368Kb / 3P
   Dual 1 Form A/B, C Solid State Relay
Revision 17-August-01
More results

Similar Description - LH1502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com