Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCH-5319 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSCH-5319
Description  Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSCH-5319 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSCH-5319 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSCH-5319 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSCH-5319 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSCH-5319 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSCH-5319 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSCH-5319 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Minimum
Maximum
Maximum
Maximum
Maximum
Part
Batch*
Breakdown
Dynamic
Total
Forward
Leakage
Number
Matched
Voltage
Resistance
Capacitance
Voltage
Current
HSCH-
HSCH-
Barrier
V
BR (V)
R
D (Ω)CT (pF)
V
F (mV)
I
R (nA)
5316
5317
Medium
4
12
0.25
500
100
5312
16
0.15
5310
20
0.10
5336
Low
4
12
0.25
375
400
5332
5333
16
0.15
5330
5331
20
0.10
Test
∆V
F ≤ 15 mV
I
R ≤ 10 µAIF = 5 mA
V
R = 0 V
I
F = 1 mA
V
R = 1 V
Conditions
@ 5 mA
f = 1 MHz
*Minimum batch size 20 units.
Table IB. Electrical Specifications for DC Tested Diodes at T
A = 25°C
Typical Detector Characteristics at T
A = 25°C
Medium Barrier and Low Barrier (DC Bias)
Parameter
Symbol
Typical Value
Units
Test Conditions
Tangential Sensitivity
TSS
-54
dBm
20
µA Bias, R
L = 100 KΩ
Video Bandwidth = 2 MHz
Voltage Sensitivity
γ
6.6
mV/
µW
f = 10 GHz
Video Resistance
R
V
1400
Low Barrier (Zero Bias)
Parameter
Symbol
Typical Value
Units
Test Conditions
Tangential Sensitivity
TSS
-44
dBm
Zero Bias, R
L = 10 MΩ
Video Bandwidth = 2 MHz
Voltage Sensitivity
γ
10
mV/
µW
f = 10 GHz
Video Resistance
R
V
1.8
M
SPICE Parameters
HSCH-5316
HSCH-5312
HSCH-5330
Parameter Units HSCH-5318
HSCH-5314
HSCH-5310 HSCH-5340
HSCH-5332
HSCH-5336
B
V
V5
5
5
5
5
5
C
J0
pF
0.2
0.13
0.09
0.09
0.13
0.20
E
G
eV
0.69
0.69
0.69
0.69
0.69
0.69
I
BV
A
10E - 5
10E - 5
10E - 5
10E - 5
10E - 5
10E-5
I
S
A
3 x 10E - 10
3 x 10E - 10
3 x 10E - 10
4 x 10E - 10
4 x 10E - 8
4 x 10E-8
N
1.08
1.08
1.08
1.08
1.08
1.08
R
S
5
9
13
13
9
6
P
B
V
0.65
0.65
0.65
0.5
0.5
0.5
P
T
22
2
2
22
M
0.5
0.5
0.5
0.5
0.5
0.5


Similar Part No. - HSCH-5319

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
   BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
More results

Similar Description - HSCH-5319

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
   Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
   Beam Lead Schottky Diode Pairs for Mixers and Detectors
logo
Microsemi Corporation
GC9901 MICROSEMI-GC9901 Datasheet
215Kb / 6P
   Schottky Barrier Diodes TM For Mixers and Detectors
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com