Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2195R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HAT2195R
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2195R Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2195R
Rev.3.00, Apr.01.2004, page 3 of 6
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
200
160
120
80
40
0
4
8
12
16
20
20
10
2
5
1
30
300
12
10
8
6
4
–25
0
25
50
75
150
100 125
2
Pulse Test
ID = 20 A
5 A
10 A
1
10
100
1000
3
100
50
VGS = 4.5 V
10 V
Pulse Test
5 A, 10 A
20 A
ID = 5 A, 10 A, 20 A
VGS = 4.5 V
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
1000
30
100
300
1
0.3
3
0.1
Tc = –25 °C
VDS = 10 V
Pulse Test
75 °C
25 °C
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
50
40
30
20
10
0
24
6
8
10
50
40
30
20
10
0
12
3
4
5
Tc = 75°C
25°C
–25°C
V
= 10 V
Pulse Test
DS
VGS = 2.4 V
10 V
4 V
2.6 V
2.8 V
Pulse Test


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn