Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2195R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HAT2195R
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2195R Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Apr.01.2004, page 1 of 6
HAT2195R
Silicon N Channel Power MOS FET
Power Switching
REJ03G0060-0300Z
Rev.3.00
Apr.01.2004
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 4.6 mtyp. (at VGS = 10 V)
Outline
SOP-8
1 2
3
4
5
6
7
8
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
G
D
SSS
D DD
4
1 23
56
7 8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
18
A
Drain peak current
ID(pulse)
Note1
144
A
Body-drain diode reverse drain current
IDR
18
A
Avalanche current
IAP
Note 2
18
A
Avalanche energy
EAR
Note 2
32.4
mJ
Channel dissipation
Pch
Note3
2.5
W
Channel to ambient thermal impedance
θch-a Note3
50
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25
°C, Rg ≥ 50 Ω
3. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10s


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn