Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2195R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HAT2195R
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2195R Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT2195R
Rev.3.00, Apr.01.2004, page 4 of 6
Reverse Drain Current
IDR (A)
Body Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS
(V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
ID
(A)
Switching Characteristics
0.3
1
3
10
100
30
100
20
50
10
010
25
15
20
530
10000
3000
1000
300
100
30
10
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
300
30
100
10
1
3
0.1
di/dt = 100 A/
µs
VGS = 0, Ta = 25°C
0.3
1
3
10
100
30
0.1
VGS = 10 V, VDS = 10 V
Rg = 4.7
Ω, duty < 1 %
50
40
30
20
10
0
20
16
12
8
4
20
40
60
80
100
0
ID = 18 A
VGS
VDS
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
Gate Charge
Qg (nC)
Dynamic Input Characteristics
1000
tf
tr
td(off)
td(on)
Source to Drain Voltage
VSD (V)
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
5 V
VGS = –5.0 V
10 V
50
40
30
20
10
25
50
75
100
125
150
0
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
IAP = 18 A
VDD = 15 V
duty < 0.1 %
Rg > 50


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn