Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-720-LPF-GAA Datasheet(PDF) 6 Page - Vectron International, Inc

Part # SO-720-LPF-GAA
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-720-LPF-GAA Datasheet(HTML) 6 Page - Vectron International, Inc

  SO-720-LPF-GAA Datasheet HTML 1Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 2Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 3Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 4Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 5Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 6Page - Vectron International, Inc SO-720-LPF-GAA Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SO-720 SAW Clock Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 6 of 7
Rev: 21 Jun 2006
The device is designed to meet the JEDEC standard
for Pb-Free assembly. The temperatures and time
intervals listed are based on the Pb-Free small body
requirements. The SO-720 device is hermetically
sealed so an aqueous wash is not an issue.
Termination Plating: Electroless Gold Plate over
Nickel Plate
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R UP
R DN
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and
IR reflow simulation. The SO-720 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the SO-720 proper precautions should be taken when
handling and mounting. VI employs a Human Body model (HBM) and a Man-Man model (MM) for ESD
susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500 V
MIL-STD 883, Method 3015
Man Man Model
200 V
V/JESD22-A115-A,
Reflow Profile (IPC/JEDEC J-STD-020)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max


Similar Part No. - SO-720-LPF-GAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - SO-720-LPF-GAA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com