Electronic Components Datasheet Search |
|
RT9183H-33CS Datasheet(PDF) 1 Page - Richtek Technology Corporation |
|
RT9183H-33CS Datasheet(HTML) 1 Page - Richtek Technology Corporation |
1 / 15 page RT9183 1 DS9183-14 April 2008 www.richtek.com Ultra Low Dropout 1.5A Linear Regulator General Description The RT9183 series are high performance linear voltage regulators that provide ultra low-dropout voltage, high output current with low ground current. It operates from an input of 2.3V to 5.5V and provides output current up to 1.5A thus is suitable to drive digital circuits requiring low voltage at high currents. The RT9183 has superior regulation over variations in line and load. Also it provides fast respond to step changes in load. Other features include over-current and over- temperature protection. The adjustable version has enable pin to reduce power consumption in shutdown mode. The devices are available in fixed output voltages of 1.2V to 3.3V with 0.1V per step and as an adjustable device with a 0.8V reference voltage. The RT9183 regulators are available in 3-lead SOT-223 and TO-263 packages (fixed output only for the 3-lead option). Also available are 5-lead TO-263, TO-252 and fused SOP-8 packages with two external resistors to set the output voltage ranges from 0.8V to 4.5V. Features 330mV Dropout @ 1.5A 380uA Low Ground Pin Current Excellent Line and Load Regulation 0.1uA Quiescent Current in Shutdown Mode Guaranteed 1.5A Output Current Fixed Output Voltages : 1.2V to 3.3V Adjustable Output Voltage from 0.8V to 4.5V Over-Temperature/Over-Current Protection RoHS Compliant and 100% Lead (Pb)-Free Note : Richtek Pb-free and Green products are : RoHS compliant and compatible with the current require- ments of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. 100%matte tin (Sn) plating. Ordering Information Applications Battery-Powered Equipment Mother Board/Graphic Card Peripheral Cards PCMCIA Card RT9183 Package Type G : SOT-223 GF : SOT-223 (F-Type) S : SOP-8 L: TO-252 LF : TO-252 (F-Type) M : TO-263 M5 : TO-263-5 Operating Temperature Range P : Pb Free with Commercial Standard G : Green (Halogen Free with Commer- cial Standard) Output Voltage Defauit : Adjustable 12 : 1.2V 13 : 1.3V : 32 : 3.2V 33 : 3.3V - Only for SOP-8 and TO-263-5 H : Chip Enable High L : Chip Enable Low |
Similar Part No. - RT9183H-33CS |
|
Similar Description - RT9183H-33CS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |