Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1486A Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1486A
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486A Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1486A Datasheet HTML 5Page - Semtech Corporation SC1486A Datasheet HTML 6Page - Semtech Corporation SC1486A Datasheet HTML 7Page - Semtech Corporation SC1486A Datasheet HTML 8Page - Semtech Corporation SC1486A Datasheet HTML 9Page - Semtech Corporation SC1486A Datasheet HTML 10Page - Semtech Corporation SC1486A Datasheet HTML 11Page - Semtech Corporation SC1486A Datasheet HTML 12Page - Semtech Corporation SC1486A Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information
+5V Bias Supplies
The SC1486A requires an external +5V bias supply in
addition to the battery. If stand-alone capability is
required, the +5V supply can be generated with an
external linear regulator such as the Semtech LP2951.
To minimize channel to channel crosstalk, each
controller has 4 supply pins, VDDP, PGND, VCCA and
VSSA.
To avoid interference between outputs, each controller
has its own ground reference, VSSA, which should be
tied by a single trace to PGND at the negative terminal of
that controller’s output capacitor (see Layout Guidelines).
All external components referenced to VSSA in the
schematic should be connected to the appropriate VSSA
trace. The supply decoupling capacitor for controller 1
should be tied between VCCA1 and VSSA1. Likewise, the
supply decoupling capacitor for controller 2 should be
tied between VCCA2 and VSSA2. A 10
Ω resistor should
be used to decouple each VCCA supply from the main
VDDP supplies. PGND can then be a separate plane which
is not used for routing traces. All PGND connections are
connected directly to the ground plane with special
attention given to avoiding indirect connections which
may create ground loops. As mentioned above, VSSA1
and VSSA2 must be connected to the PGND plane at
the negative terminal of their respective output
capacitors only. The VDDP1 and VDDP2 inputs provide
power to the upper and lower gate drivers. A decoupling
capacitor for each supply is required. No series resistor
between VDDP and 5V is required. See layout guidelines
for more details.
Pseudo-fixed Frequency Constant On-Time PWM
Controller
The PWM control architecture consists of a constant on-
time, pseudo fixed frequency PWM controller (see Figure
1, SC1486A Block Diagram). The output ripple voltage
developed across the output filter capacitor’s ESR
provides the PWM ramp signal eliminating the need for a
current sense resistor. The high-side switch on-time is
determined by a one-shot whose period is directly
proportional to output voltage and inversely proportional
to input voltage. A second one-shot sets the minimum
off-time which is typically 400ns.
On-Time One-Shot (t
ON)
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a current.
This input voltage-proportional current is used to charge
an internal on-time capacitor. The on-time is the time
required for the voltage on this capacitor to charge from
zero volts to VOUT, thereby making the on-time of the
high-side switch directly proportional to output voltage
and inversely proportional to input voltage. This
implementation results in a nearly constant switching
frequency without the need for a clock generator.
For VOUT < 3.3V:
ns
50
V
V
)
10
x
37
R
(
10
x
3
.
3
t
IN
OUT
3
TON
12
ON
+


+
=
For 3.3V
≤ VOUT ≤ 5V:
ns
50
V
V
)
10
x
37
R
(
10
x
3
.
3
85
.
0
t
IN
OUT
3
TON
12
ON
+


+
=
R
TON is a resistor connected from the input supply to the
TON pin. Due to the high impedance of this resistor, the
TON pin should always be bypassed to VSSA using a 1nF
ceramic capacitor.
Enable & Psave
The EN/PSV pin enables the VDDQ (2.5V or 1.8V) supply.
REFIN and VDDP2 enable the VTT (1.25V or 0.9V)
supply. The VTT and VDDQ supplies may be enabled
independently, however it is usual to use a resistor
divider from VDDQ to generate REFIN, so if VDDQ is not
present, VTT will not be present.
When EN/PSV1 is tied to VCCA the VDDQ controller is
enabled and power save will also be enabled. When the
EN/PSV pin is tri-stated, an internal pull-up will activate
the VDDQ controller and power save will be disabled. If
PSAVE is enabled, the SC1486A PSAVE comparator will
look for the inductor current to cross zero on eight
consecutive switching cycles by comparing the phase
node (LX) to PGND. Once observed, the controller will
enter power save and turn off the low side MOSFET when
the current crosses zero. To improve light-load efficiency
and add hysteresis, the on-time is increased by 50% in
power save. The efficiency improvement at light-loads
more than offsets the disadvantage of slightly higher
output ripple. If the inductor current does not cross zero
on any switching cycle, the controller will immediately exit
power save. Since the controller counts zero crossings,
the converter can sink current as long as the current
does not cross zero on eight consecutive cycles. This
allows the output voltage to recover quickly in response
to negative load steps even when psave is enabled.


Similar Part No. - SC1486A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486AEVB SEMTECH-SC1486AEVB Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
SC1486AITSTR SEMTECH-SC1486AITSTR Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
SC1486AITSTRT SEMTECH-SC1486AITSTRT Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
More results

Similar Description - SC1486A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com