Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3954 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3954
Description  Single Cell Lithium-Ion to 3.3V Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3954 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3954 Datasheet HTML 1Page - Texas Instruments UCC3954 Datasheet HTML 2Page - Texas Instruments UCC3954 Datasheet HTML 3Page - Texas Instruments UCC3954 Datasheet HTML 4Page - Texas Instruments UCC3954 Datasheet HTML 5Page - Texas Instruments UCC3954 Datasheet HTML 6Page - Texas Instruments UCC3954 Datasheet HTML 7Page - Texas Instruments UCC3954 Datasheet HTML 8Page - Texas Instruments UCC3954 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC3954
PRELIMINARY INFORMATION
6/98
FEATURES
• Converts Lithium-Ion Cell to
+3.3V at 700mA Load
Current
• Load Disconnect in
Shutdown
• High Efficiency Flyback
Operation
• Internal 0.15Ω Switch
• Low Battery LED Driver
• Internal 2A Current Limit
• Internal 200kHz Oscillator
• 8 Pin D, N, 14 Pin PW
Packages
Single Cell Lithium-Ion to +3.3V Converter
BLOCK DIAGRAM
UDG-96137-1
DESCRIPTION
The UCC3954, along with a few external components, develops a regulated +3.3V
from a single lithium-ion battery whose terminal voltage can vary between 2.5V and
4.2V. The UCC3954 employs a simple flyback (Buck-Boost) technique to convert the
battery energy to +3.3V. This is accomplished by referencing the lithium-ion cell’s
positive terminal to system ground. The negative terminal of the battery is the return
point for the UCC3954. This approach enables the converter to maintain constant fre-
quency operation whether the cell voltage is above or below the output voltage. An
additional benefit of this technique is its inherent ability to disconnect the battery from
the load in shutdown mode.
The UCC3954 operates as a fixed 200kHz switching frequency voltage mode flyback
converter. The oscillator time base and ramp are internally generated by the
UCC3954 and require no external components. A 2A current limit for the internal
0.15
Ω power switch provides protection in the case of an output short circuit. When
left open, an internal 100k
Ω resistor pulls the SD pin to BAT–, which puts the
UCC3954 in shutdown mode, and thereby reduces power consumption to sub-
µAlev-
els. A low battery detect function will drive the LOWBAT pin low (minimum of 5mA
sink current) when the battery has been discharged to within 200mV of the prede-
fined lockout voltage. The LOWBAT pin is intended for use with an external LED to
provide visual warning that the battery is nearly exhausted. The lockout mode is acti-
vated when the battery is discharged to 2.55V. In lockout mode, the part consumes
15
µA. Once the UCC3954 has entered lockout mode, the user must insert a fresh
battery whose open circuit voltage is greater than 3.1V. This prevents a system-level
oscillation of the lockout function due to the lithium-ion battery’s large equivalent se-
ries resistance.
Additional features of the UCC3954 include a trimmed –1.1V reference and internal
feedback scaling resistors, a precision error amplifier, low quiescent current drain in
shutdown mode, and a softstart function. The UCC3954 is offered in the 8 pin D,
14 pin PW (surface mount), and N (through hole) packages.


Similar Part No. - UCC3954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3952 TI-UCC3952 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952- TI-UCC3952- Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-1 TI-UCC3952-1 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
[Old version datasheet]   SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
UCC3952-2 TI-UCC3952-2 Datasheet
35Kb / 5P
[Old version datasheet]   Enhanced Single Cell Lithium-Ion Battery Protection IC
More results

Similar Description - UCC3954

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
   Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
   Single-cell lithium-ion battery
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
   single-cell lithium-ion battery charge
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
logo
List of Unclassifed Man...
26650 ETC1-26650 Datasheet
586Kb / 2P
   Lithium Ion Power Cell
logo
Samsung semiconductor
ICR18650-26J SAMSUNG-ICR18650-26J Datasheet
822Kb / 23P
   Lithium-ion Rechargeable Cell
2016/07/01
logo
Toshiba Semiconductor
TPCL4203 TOSHIBA-TPCL4203 Datasheet
379Kb / 12P
   Dedicated to Single-Cell Lithium-Ion Secondary Battery Applications
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com